Electronic Components Datasheet Search
  English  ▼

X  

STA540 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA540_12 Datasheet HTML 2Page - STMicroelectronics STA540_12 Datasheet HTML 3Page - STMicroelectronics STA540_12 Datasheet HTML 4Page - STMicroelectronics STA540_12 Datasheet HTML 5Page - STMicroelectronics STA540_12 Datasheet HTML 6Page - STMicroelectronics STA540_12 Datasheet HTML 7Page - STMicroelectronics STA540_12 Datasheet HTML 8Page - STMicroelectronics STA540_12 Datasheet HTML 9Page - STMicroelectronics STA540_12 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Block diagram and pin description
STA540
6/25
Doc ID 13907 Rev 6
1
Block diagram and pin description
1.1
Block diagram
Figure 1.
Block diagram
13
1
+
-
+
-
+
-
+
-
IN1
VCC2
VCC1
OUT1
4
ST-BY
SVR
P-GND
S-GND
7
IN2
5
IN3
12
IN4
11
OUT2
OUT3
OUT4
D06AU1630
DIAGNOSTIC
OUTPUT
2
15
14
10
3
68
9
A1
A2 INV
A3
A4 INV
ST-BY
DIAGNOSTICD
VCC1
VCC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com