Electronic Components Datasheet Search
  English  ▼

X  

STA540 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA540_12 Datasheet HTML 4Page - STMicroelectronics STA540_12 Datasheet HTML 5Page - STMicroelectronics STA540_12 Datasheet HTML 6Page - STMicroelectronics STA540_12 Datasheet HTML 7Page - STMicroelectronics STA540_12 Datasheet HTML 8Page - STMicroelectronics STA540_12 Datasheet HTML 9Page - STMicroelectronics STA540_12 Datasheet HTML 10Page - STMicroelectronics STA540_12 Datasheet HTML 11Page - STMicroelectronics STA540_12 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Electrical specifications
STA540
8/25
Doc ID 13907 Rev 6
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical characteristics
The test conditions are VS = 14.4 V, RL = 4 Ω, f = 1 kHz, Tamb = 25° C unless otherwise
specified.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vs
Supply voltage idle mode (no signal)
24
V
Supply voltage operating
22
V
Supply voltage AC-DC short safe
20
V
Ptot
Total power dissipation (Tcase = 85 °C)
36
W
Tstg, Tj Storage and junction temperature
-40 to150
°C
Top
Operating temperature
0 to 70
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction to case (max)
1.8
°C/W
Rth j-amb Thermal resistance junction to ambient (max)
35
°C/W
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VS
Supply voltage range
8
22
V
Id
Total quiescent drain
current
80
150
mA
Vos
Output offset voltage
-150
150
mV
Po
Output power, SE
THD=10%, RL=4 Ω
THD=10%, RL=2 Ω
THD=10%, RL=4 Ω, VS=22 V
6.5
7
11.5
16
W
Output power, BTL
THD=10%, RL=4 Ω
THD=10%, RL=8 Ω, VS=17 V
THD=10%, RL=8 Ω, VS=22 V
21
24
20
34
W
THD
Total harmonic distortion
RL = 4 Ω, Po = 0.1 to 4 W
0.02
%
ISC
Short-circuit output current
4.0
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com