Electronic Components Datasheet Search
  English  ▼

X  

TDA7265B Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7265B
Description  30 W 30 W stereo amplifier with mute and standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7265B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7265B Datasheet HTML 2Page - STMicroelectronics TDA7265B Datasheet HTML 3Page - STMicroelectronics TDA7265B Datasheet HTML 4Page - STMicroelectronics TDA7265B Datasheet HTML 5Page - STMicroelectronics TDA7265B Datasheet HTML 6Page - STMicroelectronics TDA7265B Datasheet HTML 7Page - STMicroelectronics TDA7265B Datasheet HTML 8Page - STMicroelectronics TDA7265B Datasheet HTML 9Page - STMicroelectronics TDA7265B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical specifications
TDA7265B
6/18
Doc ID 022601 Rev 1
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical characteristics
Refer to the test circuit, VS = ± 23 V; RL = 8 Ω; Rs = 50 Ω; GV = 30 dB; f = 1 kHz;
Tamb = 25 °C, unless otherwise specified.
Table 2.
Absolute maximum ratings
Symbol
Description
Value
Unit
VS
DC supply voltage
±35
V
IO
Output peak current (internally limited)
5
A
Ptot
Power dissipation Tcase = 70 °C
40
W
Top
Operating temperature
-20 to 85
°C
Tstg, Tj
Storage and junction temperature
-40 to +150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth j case
Thermal resistance junction-casetyp.
1.5
°C/W
Table 4.
Electrical characteristcs
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply range
±
8
±
33
V
Iq
Total quiescent current
50
130
mA
VOS
Input offset voltage
–20
+20
mV
Ib
Non-inverting input bias current
500
nA
PO
Output power
THD = 10%; RL = 8 Ω
30
W
THD = 1%; RL = 8 Ω
25
W
IPeak
Output peak current
(Internally limited)
3.6
4
A
THD
Total harmonic distortion
RL = 8 Ω, Po = 1 W
0.02
%
CT
Crosstalk
f = 1 kHz
70
dB
SR
Slew rate
11
V/ms
Gol
Open-loop voltage gain
80
dB
eN
Total input noise
F = 20 Hz – 22 kHz
4
µV
Ri
Input resistance
20
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com