Electronic Components Datasheet Search
  English  ▼

X  

TDA7265B Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7265B
Description  30 W 30 W stereo amplifier with mute and standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7265B Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7265B Datasheet HTML 1Page - STMicroelectronics TDA7265B Datasheet HTML 2Page - STMicroelectronics TDA7265B Datasheet HTML 3Page - STMicroelectronics TDA7265B Datasheet HTML 4Page - STMicroelectronics TDA7265B Datasheet HTML 5Page - STMicroelectronics TDA7265B Datasheet HTML 6Page - STMicroelectronics TDA7265B Datasheet HTML 7Page - STMicroelectronics TDA7265B Datasheet HTML 8Page - STMicroelectronics TDA7265B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
December 2011
Doc ID 022601 Rev 1
1/18
1
TDA7265B
30 W + 30 W stereo amplifier with mute and standby
Features
■ Wide-range supply voltage (up to ± 35 V ABS
max.)
■ Split supply
■ High output power
■ 30 W + 30 W at THD=10%, RL = 8 Ω, VS ± 23 V
■ 25 W + 25 W at THD=1%, RL = 8 Ω, VS ± 23 V
■ No “pop” at turn-on/off
■ Mute (“pop-free”)
■ Standby feature (low IQ)
■ Short-circuit protection
■ Thermal overload protection
Description
The TDA7265B is class-AB dual audio power
amplifier assembled in the Multiwatt package,
especially designed for high-quality sound
applications such as home entertainment
systems and stereo TV sets.
The device is pin-to-pin compatible with the
TDA7265, TDA7269A and TDA7292.
Figure 1.
Typical application circuit in split supply
Table 1.
Device summary
Order code
Package
Packing
TDA7265B
Multiwatt11 (vertical)
Tube
Multiwatt11 (vertical)
+5V
18K
15K
IN (L)
1
µF
15K
1
µF
MUTE/
ST-BY
GND
IN (R)
1
µF
4.7
Ω
4.7
Ω
100nF
100nF
OUT (L)
OUT (R)
1000
mF
1000
μF
+VS
3
5
7
9
6
11
2
4
+
+
-
-
D94AU085
RL (L)
RL (R)
-VS
µP
560
Ω
18K
IN- (L)
8
10
IN- (R)
1
560
Ω
18K
www.st.com


Similar Part No. - TDA7265B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
157Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
1998-Jul
logo
Unisonic Technologies
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7265 STMICROELECTRONICS-TDA7265 Datasheet
399Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
Apr-2002
TDA7265A STMICROELECTRONICS-TDA7265A Datasheet
400Kb / 11P
25 25W STEREO AMPLIFIER WITH MUTE & ST-BY
Apr-2002
logo
Unisonic Technologies
TDA7265G-J11-A-T UTC-TDA7265G-J11-A-T Datasheet
244Kb / 8P
25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results

Similar Description - TDA7265B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4725 SANYO-LA4725 Datasheet
44Kb / 3P
2-Channel BTL Power Amplifier 30 W30 W with Standby Switch for Car Stereos
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
STMicroelectronics
TDA7292 STMICROELECTRONICS-TDA7292 Datasheet
337Kb / 22P
40 W 40 W stereo amplifier with mute and standby
29-Feb-2012
logo
Unisonic Technologies
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TAS5122 TI-TAS5122_15 Datasheet
768Kb / 25P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com