Electronic Components Datasheet Search
  English  ▼

X  

TDA7416 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7416
Description  Car radio signal processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7416_11 Datasheet HTML 14Page - STMicroelectronics TDA7416_11 Datasheet HTML 15Page - STMicroelectronics TDA7416_11 Datasheet HTML 16Page - STMicroelectronics TDA7416_11 Datasheet HTML 17Page - STMicroelectronics TDA7416_11 Datasheet HTML 18Page - STMicroelectronics TDA7416_11 Datasheet HTML 19Page - STMicroelectronics TDA7416_11 Datasheet HTML 20Page - STMicroelectronics TDA7416_11 Datasheet HTML 21Page - STMicroelectronics TDA7416_11 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Description of the audio processor part
TDA7416
18/37
Doc ID 9837 Rev 2
4.7
Equalizer filter
There are three parameters programmable in the equalizer filter:
4.7.1
Attenuation
Figure 9 shows the boost and cut response as a function of frequency at a center frequency
of 1kHz.
Figure 9.
Equalizer filter control @ fCenter = 1kHz, Q = 1.0
4.7.2
Center frequency
This parameter is programmable in the filter stage 1(62/100Hz), 6(4/6.34kHz) and
7(15/16kHz) only.
Figure 10 shows the center frequencies 62, 156, 396, 1000, 2510, 6340 and 15000 Hz of
the 7 equalizer filters.
Figure 10.
Center frequencies @ Gain = 15dB, Q = 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com