Electronic Components Datasheet Search
  English  ▼

X  

TDA7416 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7416
Description  Car radio signal processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7416_11 Datasheet HTML 29Page - STMicroelectronics TDA7416_11 Datasheet HTML 30Page - STMicroelectronics TDA7416_11 Datasheet HTML 31Page - STMicroelectronics TDA7416_11 Datasheet HTML 32Page - STMicroelectronics TDA7416_11 Datasheet HTML 33Page - STMicroelectronics TDA7416_11 Datasheet HTML 34Page - STMicroelectronics TDA7416_11 Datasheet HTML 35Page - STMicroelectronics TDA7416_11 Datasheet HTML 36Page - STMicroelectronics TDA7416_11 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
TDA7416
I2C bus interface
Doc ID 9837 Rev 2
33/37
5.3.9
Mixer level control (14)
5.3.10
Speaker and subwoofer level control (15,16,17,18,19)
)
Table 15.
Mixer level control (14)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
1
1
1
0
0
:
0
0
:
0
0
X
0
:
0
0
0
0
:
0
0
:
1
1
1
0
:
0
0
0
0
:
0
0
:
0
0
1
0
:
0
0
0
0
:
0
1
:
0
0
X
1
:
0
0
0
0
:
1
0
:
1
1
X
1
:
0
0
0
0
:
1
0
:
1
1
X
1
:
0
0
0
0
:
1
0
:
1
1
X
1
:
1
0
0
1
:
1
0
:
0
1
X
Gain/Attenuation
+15dB
:
+ 1dB
0dB
0dB
- 1dB
:
-15dB
-16dB
:
-78dB
-79dB
Mute
Table 16.
Speaker and subwoofer level control (15,16,17,18,19)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
:
0
0
0
0
:
0
:
0
:
1
:
1
:
1
1
0
:
0
0
0
0
:
1
:
1
:
0
:
0
:
0
1
0
:
0
0
1
1
:
0
:
1
:
0
:
1
:
1
X
1
:
0
0
0
0
:
0
:
0
:
0
:
0
:
1
X
1
:
0
0
0
0
:
0
:
0
:
0
:
0
:
1
X
1
:
0
0
0
0
:
0
:
0
:
0
:
0
:
1
X
1
:
1
0
0
1
:
0
:
0
:
0
:
0
:
1
X
Gain/Attenuation
+15dB
:
+ 1dB
0dB
0dB
- 1dB
:
-16dB
:
-32dB
:
-48dB
:
-64dB
-79dB
Mute
0
1
Soft-step on/off
On
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com