Electronic Components Datasheet Search
  English  ▼

X  

TDA7718N Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7718N
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718N Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7718N Datasheet HTML 4Page - STMicroelectronics TDA7718N Datasheet HTML 5Page - STMicroelectronics TDA7718N Datasheet HTML 6Page - STMicroelectronics TDA7718N Datasheet HTML 7Page - STMicroelectronics TDA7718N Datasheet HTML 8Page - STMicroelectronics TDA7718N Datasheet HTML 9Page - STMicroelectronics TDA7718N Datasheet HTML 10Page - STMicroelectronics TDA7718N Datasheet HTML 11Page - STMicroelectronics TDA7718N Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Pin connection and pin description
TDA7718N
8/40
Doc ID 16502 Rev 1
11
FD1L-/QD2G/SE4R
Full differential - input left or quasi-differential ground or single-end input right
I
12
FD1R-/QD2G/SE5L
Full differential - input right or quasi-differential ground or single-end input left
I
13
FD1R+/QD2R/SE5R
Full differential + input right or quasi-differential right or single-end input right
I
14
CREF
Reference capacitor
O
15
GND
Ground
S
16
OUTSWR
Subwoofer right output
O
17
OUTSWL
Subwoofer left output
O
18
OUTRF
Front right output
O
19
OUTRR
Rear right output
O
20
OUTLR
Rear left output
O
21
OUTLF
Front left output
O
22
WinTC
DC offset detector filter output
O
23
MUTE
External mute pin
I
24
VCC
Supply
S
25
SCL
I2C bus clock
I
26
SDA
I2C bus data
I/O
27
DC_ERR
DC offset detector output
O
28
WIN_IN
DC offset detector input
I
Table 2.
Pin description (continued)
No.
Pin name
Description
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com