Electronic Components Datasheet Search
  English  ▼

X  

TS4999 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS4999 Datasheet HTML 11Page - STMicroelectronics TS4999 Datasheet HTML 12Page - STMicroelectronics TS4999 Datasheet HTML 13Page - STMicroelectronics TS4999 Datasheet HTML 14Page - STMicroelectronics TS4999 Datasheet HTML 15Page - STMicroelectronics TS4999 Datasheet HTML 16Page - STMicroelectronics TS4999 Datasheet HTML 17Page - STMicroelectronics TS4999 Datasheet HTML 18Page - STMicroelectronics TS4999 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
TS4999
Electrical characteristics
15/36
Figure 4.
Current consumption vs. power
supply voltage
Figure 5.
Current consumption vs. standby
voltage (one channel)
01
23
45
0
1
2
3
4
5
6
One channel active
No load
Tamb = 25
°C
Power Supply Voltage (V)
Both channels active
01
23
45
0
1
2
3
Vcc=2.5V
Vcc=3.6V
One channel active
Standby Voltage (V)
No load
Tamb = 25
°C
Vcc=5V
Figure 6.
Standby current consumption vs.
power supply voltage
Figure 7.
Efficiency vs. output power
(one channel)
01
2
3
45
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Power Supply Voltage (V)
No load
V
STBYL
= V
STBYR
= GND
Tamb = 25
°C
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Power dissipation
Vcc = 5V
RL = 4
Ω + 15μH
F = 1kHz
THD+N
≤ 10%
Output Power (W)
Efficiency
Figure 8.
Efficiency vs. output power
(one channel)
Figure 9.
Efficiency vs. output power
(one channel)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Power dissipation
Vcc = 3.6V
RL = 4
Ω + 15μH
F = 1kHz
THD+N
≤ 10%
Output Power (W)
Efficiency
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
20
40
60
80
100
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
Power dissipation
Vcc = 2.5V
RL = 4
Ω + 15μH
F = 1kHz
THD+N
≤ 10%
Output Power (W)
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com