Electronic Components Datasheet Search
  English  ▼

X  

TS4999 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS4999 Datasheet HTML 22Page - STMicroelectronics TS4999 Datasheet HTML 23Page - STMicroelectronics TS4999 Datasheet HTML 24Page - STMicroelectronics TS4999 Datasheet HTML 25Page - STMicroelectronics TS4999 Datasheet HTML 26Page - STMicroelectronics TS4999 Datasheet HTML 27Page - STMicroelectronics TS4999 Datasheet HTML 28Page - STMicroelectronics TS4999 Datasheet HTML 29Page - STMicroelectronics TS4999 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Application information
TS4999
26/36
4.5
Circuit decoupling
Power supply capacitors, referred to as CS, CSL and CSR, are needed to correctly bypass the
TS4999.
The TS4999 has a typical switching frequency of 280 kHz and an output fall and rise time of
approximately 5 ns. Due to these very fast transients, careful decoupling is mandatory.
A 1 µF ceramic capacitor between each PVCC and PGND (CSL, CSR) and one additional
ceramic capacitor between AVCC and AGND 0.1 µF (CS) are sufficient, but they must be
located as close as possible to the TS4999 in order to avoid any extra parasitic inductance
or resistance created by a long track wire. Parasitic loop inductance, in relation to di/dt,
introduces overvoltage that decreases the global efficiency of the device and may cause, if
this parasitic inductance is too high, the device to break down.
In addition, even if a ceramic capacitor has an adequate high frequency ESR (equivalent
series resistance) value, its current capability is also important. A 0603 size is a good
compromise, particularly when a 4
Ω load is used.
Another important parameter is the rated voltage of the capacitor. A 1 µF/6.3 V capacitor
used at 5 V, loses about 50% of its value. With a power supply voltage of 5 V, the decoupling
value, instead of 1 µF, could be reduced to 0.5 µF. As CS has particular influence on the
THD+N in the medium-to-high frequency region, this capacitor variation becomes decisive.
In addition, less decoupling means higher overshoots which can be problematic if they reach
the power supply AMR value (6 V).
4.6
Wakeup (tWU) and shutdown (tSTBY) times
During the wake-up sequence, there is a delay when the standby is released to switch the
device ON. The wake-up sequence of the TS4999 consists of two phases. During the first
phase tWU-A, a digitally-generated delay, mutes the outputs. Then, the gain increasing-
phase tWU-A begins. The gain increases smoothly from the mute state to the preset gain
selected by the digital pins G0 and G1. This startup sequence avoid any pop noise during
startup of the amplifier. See Figure 57: Wake-up phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com