Electronic Components Datasheet Search
  English  ▼

X  

UG-190 Datasheet(PDF) 6 Page - Analog Devices

Part # UG-190
Description  Differential Amplifier Evaluation Board for Single 8-lead LFCSP Packages
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-190 Datasheet(HTML) 6 Page - Analog Devices

  UG-190 Datasheet HTML 1Page - Analog Devices UG-190 Datasheet HTML 2Page - Analog Devices UG-190 Datasheet HTML 3Page - Analog Devices UG-190 Datasheet HTML 4Page - Analog Devices UG-190 Datasheet HTML 5Page - Analog Devices UG-190 Datasheet HTML 6Page - Analog Devices UG-190 Datasheet HTML 7Page - Analog Devices UG-190 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UG-190
Evaluation Board User Guide
Rev. A | Page 6 of 8
ORDERING INFORMATION
BILL OF MATERIALS
Table 1.
Qty
Reference Designator
Description
Package
2
C1, C2
10 µF capacitor
3216
10
C3 to C6, C8 to C13
Capacitor, user-defined value
C1206
5
J1 to J5
SMA connector
SMASMT
4
JP1 to JP4
Jumper
JPRSLD02
1
P1
3-pin header, Molex Part 22-11-2032
PWR_CONN_6-9-2
1
PR1
SMA connector
SMACON
1
R1
1 kΩ potentiometer
3299W
23
R2 to R24
Resistor, user defined value
R1206
2
T1, T2
Transformer
ETC1-6
2
T3, T4
Transformer
KK81
1
TP1
Test point
TP
9
TP2 to TP10
Test point
TP104
1
U1
Device under test
8-lead LFCSP
1
PC board
RELATED LINKS
Resource
Description
AD8137
Product page, AD8137 low cost, low power differential ADC driver
AD8139
Product page, AD8139 low noise, rail-to-rail, differential ADC driver



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com