Electronic Components Datasheet Search
  English  ▼

X  

UG-190 Datasheet(PDF) 3 Page - Analog Devices

Part # UG-190
Description  Differential Amplifier Evaluation Board for Single 8-lead LFCSP Packages
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-190 Datasheet(HTML) 3 Page - Analog Devices

  UG-190 Datasheet HTML 1Page - Analog Devices UG-190 Datasheet HTML 2Page - Analog Devices UG-190 Datasheet HTML 3Page - Analog Devices UG-190 Datasheet HTML 4Page - Analog Devices UG-190 Datasheet HTML 5Page - Analog Devices UG-190 Datasheet HTML 6Page - Analog Devices UG-190 Datasheet HTML 7Page - Analog Devices UG-190 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Evaluation Board User Guide
UG-190
Rev. A | Page 3 of 8
EVALUATION BOARD HARDWARE
POWER SUPPLIES
Power is applied to the board through P1, a Molex® 3-pin
header, Part Number 22-11-2032 (see Figure 1 and Figure 3).
Pin 1 (square footprint) is for the positive supply, Pin 3 is for the
negative supply, and Pin 2 is connected to the ground plane of
the board. Alternatively, looped test points can be used. TP2
connects to the positive supply, TP3 connects to the negative
supply, and TP5 through TP10 connect to the ground plane.
The board accommodates single or dual supplies. For single-
supply operation, connect the negative supply to the ground plane.
It is very important that the power supply pins of the device
under test (DUT) have broadband decoupling circuitry. The
board layout facilitates this with footprints for two 1206 ceramic
capacitors on each supply. At frequencies beyond the resonant
frequency of the first capacitor and its associated internal and
external inductance, the second capacitor provides the required
low impedance return current path. For optimum performance,
place the smaller of the two capacitances closest to the DUT, in
the C8 and C11 positions (see Figure 3). C10 and C12 can also
be used for additional power supply bypassing. C13 provides the
user with the option of adding differential decoupling between
the supplies. Bulk decoupling is provided by C1 and C2; 10 µF
tantalum capacitors are recommended.
FEEDBACK NETWORKS AND INPUT/OUTPUT
TERMINATIONS
R19 and R17 compose the upper resistive feedback loop (see
Figure 3), and R20 and R18 compose the lower feedback loop.
C3 and C4 are included across the feedback resistors to provide
frequency-dependent feedback, typically used to introduce a real-
axis pole in the closed-loop frequency response.
To minimize summing node capacitances, the ground plane
under and around Pin 1 and Pin 8 of the DUT and the copper
that connects to them have been removed.
R6 and R7 are included as input termination resistors for
applications that have single-ended inputs. Having a place for
a shunt resistor on each input makes it simple to match the two
feedback factors. A common example of how this is used is when
the input signal originates from an unbalanced 50 Ω source. In this
case, the single-ended termination resistance is 50 Ω, and the
Thevenin equivalent resistance seen looking back to the source
is 25 Ω. For the traditional four-resistor configuration, where R19 =
R20 and R17 = R18, the feedback networks are matched by making
the shunt resistor on the input leg opposite the termination
resistor equal to 25 Ω. R5 is provided for differential termination.
R15 and R16 series termination resistors are provided on each
of the outputs for impedance matching, analog-to-digital
converter (ADC) driving, and other system requirements.
VOCM INPUT
The VOCM input can be set to a dc level by adjusting the R1
potentiometer that spans the power supplies. For the dc case,
C9 is provided at the wiper for decoupling.
An external voltage can be applied to VOCM via TP4 (referenced
to the ground plane of the board). In ADC driving applications,
it is convenient to apply the ADC dc reference voltage output
directly to TP4.
It is also possible to drive the VOCM input from an external ac
source. In this case, omit C9 or reduce it to a value that allows
the desired signal to be passed. For high frequency signals on
VOCM, connect the center conductor of a coaxial cable to TP4
and ground its shield at TP10.
R21 is provided for the high common-mode output impedance
application illustrated in the AD8132 data sheet.
MEASURING OUTPUT COMMON-MODE VOLTAGE
The internal common-mode feedback loop used in the differen-
tial drivers forces the output common-mode voltage to be equal
to the voltage applied to the VOCM input, thereby providing
excellent output balance. R11 and R12 form a voltage divider
across the differential output, and the voltage at the divider tap
is equal to the output common-mode voltage, provided that
R11 and R12 are exactly matched in value. If R11 and R12 are
used to evaluate the output common-mode voltage, they should
be measured and matched to better than 300 ppm to obtain results
commensurate with the DUT output balance error performance
of −70 dB. Test Point PR1 accepts coaxial-type oscilloscope test
points, such as the Berg Electronics 33JR135-1.
INPUT/OUTPUT TRANSFORMERS
The board has the added flexibility of allowing the user to incorpo-
rate transformers on its input and output. This capability can be
especially useful when connecting to single-ended test equipment.
Because both input and output transformers have dual, nested
footprints, the user can select from a wide array of transformers
available from companies such as Mini-Circuits® and Coilcraft®.
The layout provides footprints for connecting resistors to ground
on the primary and secondary transformer center taps, offering
the user a number of options with regard to the common-mode
properties of the evaluation circuit.
JP1, JP2, JP3, and JP4 are jumpers on the back side of the board
that provide direct shunts across their associated transformers.
When not using a transformer, bypassing the transformer is a
simple matter of shorting the appropriate jumpers. When using
a transformer, it is a good idea to verify that the associated
jumpers are open.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com