Electronic Components Datasheet Search
  English  ▼

X  

RFHA1000 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFHA1000
Description  50MHz TO 1000MHz, 15W GaN WIDEBAND
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1000 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFHA1000 Datasheet HTML 3Page - RF Micro Devices RFHA1000 Datasheet HTML 4Page - RF Micro Devices RFHA1000 Datasheet HTML 5Page - RF Micro Devices RFHA1000 Datasheet HTML 6Page - RF Micro Devices RFHA1000 Datasheet HTML 7Page - RF Micro Devices RFHA1000 Datasheet HTML 8Page - RF Micro Devices RFHA1000 Datasheet HTML 9Page - RF Micro Devices RFHA1000 Datasheet HTML 10Page - RF Micro Devices RFHA1000 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 of 11
RFHA1000
DS120418
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Layout
Device Impedances
Frequency (MHz)
RFHA1000PCBA-410 (50MHz to 1000MHz)
Z Source (
)
Z Load (
)
50
49.9 - j1.3
48.2 + j7.0
100
50.0 - j1.4
49.1 + j1.3
200
49.6 - j2.2
46.8 - j3.3
300
49.2 - j3.1
43.0 - j5.2
400
48.4 - j4.0
38.4 - j5.2
500
47.6 - j4.5
34.1 - j3.7
600
46.8 - j5.1
30.1 - j0.9
700
45.5 - j5.4
26.5 + j2.8
800
44.8 - j5.4
23.8 + j7.0
900
43.7 - j5.3
21.2 + j11.6
1000
43.0 - j5.0
19.3 + j16.6
NOTE: Device impedances reported are the measured evaluation board impedances chosen for a tradeoff of efficiency and peak power
performance across the entire frequency bandwidth.
P1
P2
P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com