Electronic Components Datasheet Search
  English  ▼

X  

RFHA1000 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFHA1000
Description  50MHz TO 1000MHz, 15W GaN WIDEBAND
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1000 Datasheet(HTML) 5 Page - RF Micro Devices

  RFHA1000 Datasheet HTML 1Page - RF Micro Devices RFHA1000 Datasheet HTML 2Page - RF Micro Devices RFHA1000 Datasheet HTML 3Page - RF Micro Devices RFHA1000 Datasheet HTML 4Page - RF Micro Devices RFHA1000 Datasheet HTML 5Page - RF Micro Devices RFHA1000 Datasheet HTML 6Page - RF Micro Devices RFHA1000 Datasheet HTML 7Page - RF Micro Devices RFHA1000 Datasheet HTML 8Page - RF Micro Devices RFHA1000 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5 of 11
RFHA1000
DS120418
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard Fixed Tuned Test Fixture Matched for 50MHz to
1000MHz (T = 25°C, unless noted)
0
4
8
12
16
20
Frequency (MHz)
Gainversus Frequency
(CW, V
D =28V, IDQ =88mA)
Pout=41dBm
Pout=40dBm
Pout=30dBm
POUT
POUT
POUT
0
20
40
60
80
100
Frequency (MHz)
PowerAdded Efficiency versus Frequency
(CW, V
D =28V, IDQ =88mA)
Pout =41dBm
Pout =40dBm
Pout =30dBm
POUT
POUT
POUT
25
20
15
10
5
0
Frequency (MHz)
Input Return Loss versus Frequency
(CW, V
D =28V, IDQ = 88mA)
Pout =41dBm
Pout =40dBm
Pout =30dBm
POUT
POUT
POUT
13
14
15
16
17
18
19
20
25
30
35
40
45
P
OUT, Output Power (dBm)
Gainversus Output Power
(CW, V
D =28V, IDQ =88mA)
freq=100MHz
freq=500MHz
freq=900MHz
0
20
40
60
80
100
20
25
30
35
40
45
P
OUT, Output Power (dBm)
PowerAdded Efficiencyversus Output Power
(CW, V
D =28V, IDQ =88mA)
freq=100MHz
freq=500MHz
freq=900MHz
25
20
15
10
5
0
20
25
30
35
40
45
P
OUT, Output Power (dBm)
Input Return Lossversus Output Power
(CW, V
D = 28V, IDQ = 88mA)
freq=100MHz
freq=500MHz
freq=900MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com