Electronic Components Datasheet Search
  English  ▼

X  

RFHA1003SB Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFHA1003SB
Description  30MHz TO 512MHz, 9W GaN WIDEBAND
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1003SB Datasheet(HTML) 4 Page - RF Micro Devices

  RFHA1003SB Datasheet HTML 1Page - RF Micro Devices RFHA1003SB Datasheet HTML 2Page - RF Micro Devices RFHA1003SB Datasheet HTML 3Page - RF Micro Devices RFHA1003SB Datasheet HTML 4Page - RF Micro Devices RFHA1003SB Datasheet HTML 5Page - RF Micro Devices RFHA1003SB Datasheet HTML 6Page - RF Micro Devices RFHA1003SB Datasheet HTML 7Page - RF Micro Devices RFHA1003SB Datasheet HTML 8Page - RF Micro Devices RFHA1003SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 11
RFHA1003
DS120216
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard Fixed Tuned Test Fixture Matched for 30MHz to
512MHz (T = 25°C, unless noted)
25
20
15
10
5
0
0
4
8
12
16
20
Frequency (MHz)
SmallSignal sparameters versus Frequency
(V
D = 28V, IDQ = 55mA)
S21
S11
S22
0
4
8
12
16
20
Frequency (MHz)
Gainversus Frequency, P
IN =25dBm
(CW, V
D = 28V, IDQ =55mA)
85C
25C
40C
85qC
25qC
40qC
0
20
40
60
80
100
Frequency (MHz)
PAE versus Frequency, P
IN =25dBm
(CW, V
D =28V, IDQ =55mA)
85C
25C
40C
85qC
25qC
40qC
25
20
15
10
5
0
Frequency (MHz)
Input Return Lossversus Frequency, P
IN =25dBm
(CW, V
D =28V, IDQ = 55mA)
85C
25C
40C
85qC
25qC
40qC
25
20
15
10
5
0
0
4
8
12
16
20
Frequency(MHz)
Gain/IRL versus Frequency, P
OUT =39.5dBm
(CW,V
D =28V, IDQ =55mA)
Gain
IRL
30
40
50
60
70
80
90
Frequency(MHz)
PAEversus Frequency, P
OUT = 39.5dBm
(CW, V
D =28V, IDQ =55mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com