Electronic Components Datasheet Search
  English  ▼

X  

RFHA1003SB Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFHA1003SB
Description  30MHz TO 512MHz, 9W GaN WIDEBAND
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1003SB Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFHA1003SB Datasheet HTML 3Page - RF Micro Devices RFHA1003SB Datasheet HTML 4Page - RF Micro Devices RFHA1003SB Datasheet HTML 5Page - RF Micro Devices RFHA1003SB Datasheet HTML 6Page - RF Micro Devices RFHA1003SB Datasheet HTML 7Page - RF Micro Devices RFHA1003SB Datasheet HTML 8Page - RF Micro Devices RFHA1003SB Datasheet HTML 9Page - RF Micro Devices RFHA1003SB Datasheet HTML 10Page - RF Micro Devices RFHA1003SB Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 of 11
RFHA1003
DS120216
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
(All dimensions in mm.)
A123 : Trace Code
1234 : Serial Number
Package Style: Ceramic SO8
Pin Names and Descriptions
Pin
Name
Description
1VGS
Gate DC Bias pin
2RF IN
RF Input
3RF IN
RF Input
4N/C
No Connect
5N/C
No Connect
6RF OUT/VDS RF Output / Drain DC Bias pin
7RF OUT/VDS RF Output / Drain DC Bias pin
8N/C
No Connect
Pkg
Base
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com