Electronic Components Datasheet Search
  English  ▼

X  

IG100 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # IG100
Description  High Isolation IGBT Driver DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

IG100 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  IG100 Datasheet HTML 1Page - MicroPower Direct, LLC IG100 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the side of the unit
Model
Number
Input (Supply)
Output 1
Output 2
Output
Load
Regulation
(%)
Maximum
Capacitive
Load
(µF)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Voltage (VDC)
Current
(mA Max)
Current
(mA, Min)
Voltage (VDC)
Current
(mA Max)
Current
(mA, Min)
Nom.
Range
Min. Nom. Max.
Min. Nom. Max.
IG120-12
12
11.6 - 12.4 14.0 15.0 16.0
80.0
0.0
-7.0
-9.0 -10.0
40.0
0.0
12
470
1,000
IG120-12W
12
9.0 - 15.0
14.0 15.0 16.0
100.0
0.0
-7.0
-8.0
-9.0
80.0
0.0
12
470
1,000
IG120-15
15
14.5 - 15.5 14.0 15.0 16.0
80.0
0.0
-7.0
-8.7 -10.0
40.0
0.0
18
470
1,000
IG136-15
15
14.5 - 15.5 16.5 17.0 18.0
80.0
0.0
-7.0
-8.7 -10.0
40.0
0.0
18
470
1,000
IG120-24
24
23.3 - 24.7 14.0 15.0 16.0
80.0
0.0
-7.0
-9.0 -10.0
40.0
0.0
12
470
1,000
Pin
Function
1+Vin
2
Gnd
5
Vout 2
6
Common
7
Vout 1
Typical Connection
yp
Notes:
1. Line regulation for model IG120-12W is given for a
VIN change of 25%.
2. Load regulation is measured from 10% load to full
load. Load regulation is specified for the primary
output (output 1). Load regulation of output 2 may
vary slightly.
3. Operation at no-load will not damage these units.
However, they may not meet all specifications.
4. If output 2 is not used, it should be left open.
5. A short circuit fault that lasts over 10 minutes could
damage the unit due to an over temperature fault.
6. It is recommended that a fuse be used on the input of a
power supply for protection. See the Model Selection
table above for the correct rating.
Connection Notes:
1. For model IG120-24, C1 is a 100 µF/65V.
2. Capacitors C1, C2 and C3 should be mounted as close
to the unit as possible. To ensure peak gate current,
these capacitors should have a low ESR.
3. The trace (or wire) between the DC/DC and the driver
circuit should be as short as possible.
4. The average output power of the driver circuit must
be lower than output power of the DC/DC.
The IG100 series is designed
to operate with the IGD962
IGBT driver.
Model Selection Guide
Mechanical Dimensions
Pin Connections
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com