Electronic Components Datasheet Search
  English  ▼

X  

IG100 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # IG100
Description  High Isolation IGBT Driver DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

IG100 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  IG100 Datasheet HTML 1Page - MicroPower Direct, LLC IG100 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• Operates With xx962 Drivers
• Independent Outputs
• 3,000 VAC Isolation
• Miniature SIP Case
• >3.5 MHour MTBF
• 5 Standard Models
• LOW COST!!
IG100
High Isolation
IGBT Driver
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Voltage Range
See Model Selection Guide
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Line Regulation, See Note 1
For Vin Change of 1%
±1.3
±1.5
%
Ripple & Noise (20 MHz)
IG120-12
100
200
mV P - P
IG120-12W
100
200
IG120-15
80
150
IG135-15
50
150
IG120-24
150
300
Efficiency
80
%
Output Short Circuit, See Note 3
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
3,000
VAC
Isolation Resistance
1,000
M
Isolation Capacitance, 1 kHz/1V
IG120-12
6.6
pF
IG120-12W
10
IG120-15
6.6
IG135-15
8.0
10
IG120-24
6.6
Switching Frequency
550
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
ºC
Storage Temperature Range
-50
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.768 x 0.386 x 0.492 Inches (19.50 x 9.80 x 12.50 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.195 Oz (5.5g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
3.5
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Max Supply Voltage (1 Sec)
IG120-12
13
VDC
IG120-12W
15
IG120-15
16
IG135-15
16
IG120-24
26
Lead Temperature
1.5 mm From Case For 10 Sec
300
ºC
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - IG100

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
IG10009 MPD-IG10009 Datasheet
1,019Kb / 4P
IG120 SERIES
IG10009D MPD-IG10009D Datasheet
1,019Kb / 4P
IG120 SERIES
More results

Similar Description - IG100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221I ETC1-D221I Datasheet
97Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D100I MPD-D100I Datasheet
201Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
D200I MPD-D200I Datasheet
197Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
E100I MPD-E100I Datasheet
185Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
logo
Intronics Power, Inc.
DC600-I INTRONICS-DC600-I Datasheet
114Kb / 1P
3.0 WATT HIGH ISOLATION DC-DC CONVERTERS
logo
Murata Manufacturing Co...
PWR70C MURATA-PWR70C Datasheet
82Kb / 3P
3 Watt, High Isolation, Unregulated DC/DC Converters
logo
MicroPower Direct, LLC
MHI1000BRWI8 MPD-MHI1000BRWI8 Datasheet
450Kb / 2P
Compact, 10W Ultra-High Isolation DC/DC Converters
MHI1500BRWI8 MPD-MHI1500BRWI8 Datasheet
698Kb / 3P
Compact , 15W Ultra-High Isolation DC/DC Converters
IG220 MPD-IG220 Datasheet
1Mb / 4P
High Isolation SiC Drivers DC/DC Converters
IG275-XXE MPD-IG275-XXE Datasheet
1Mb / 4P
High Isolation IGBT Driver DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com