Electronic Components Datasheet Search
  English  ▼

X  

L99DZ70XP Datasheet(PDF) 6 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 2Page - STMicroelectronics L99DZ70XP Datasheet HTML 3Page - STMicroelectronics L99DZ70XP Datasheet HTML 4Page - STMicroelectronics L99DZ70XP Datasheet HTML 5Page - STMicroelectronics L99DZ70XP Datasheet HTML 6Page - STMicroelectronics L99DZ70XP Datasheet HTML 7Page - STMicroelectronics L99DZ70XP Datasheet HTML 8Page - STMicroelectronics L99DZ70XP Datasheet HTML 9Page - STMicroelectronics L99DZ70XP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
Block diagram and pin description
L99DZ70XP
6/47
Doc ID 15162 Rev 3
1
Block diagram and pin description
Figure 1.
Block diagram
Table 2.
Pin definition and functions
Pin
Symbol
Function
1, 18, 19, 36
GND
Ground: reference potential.
Important: For the capability of driving the full current at the outputs all pins
of GND must be externally connected!
2, 35
OUT11
Highside driver output 11.
The output is built by a highside switch and is intended for resistive loads,
therefore the internal reverse diode from GND to the output is missing. For
ESD reason a diode to GND is present, but the energy which can be
dissipated is limited. The highside driver is a power DMOS transistor with an
internal parasitic reverse diode from the output to VS (bulk-drain-diode). The
output is over-current protected.
Important: for the capability of driving the full current at the outputs both pins
of OUT11 must be externally connected!
M
Charge
Pump
CM/PWM2
CSN
CLK
DO
DI
VS
VCC
VCC
VBAT
SPC560D
GND
1k
CM
MUX
PWM1
1k
1k
1k
1k
1k
100k
10k
100µF
100nF
L99PM62GXP
CP
M
M
M
EC Glass
Control Block
6BIT SPI controlled
progr. Bulb or LED Mode
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT9
OUT7
OUT8
OUT11
ST SPI
Ω
m
300
Ω
m
1600
Ω
m
1600
Ω
m
150
Ω
m
150
Ω
m
300
Ω
m
1600
Ω
m
1600
Ω
m
1600
Ω
m
90
Ω
m
1800
/
500
ECDR (VS)
10 Watt
10 Watt
ECV (VS)
OUT10
STD18NF03L
STD18NF03L
Ω
m
1800
/
500
All components to be
placed together as close
as possible
5 nF
100 nF
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com