Electronic Components Datasheet Search
  English  ▼

X  

L99DZ70XP Datasheet(PDF) 7 Page - STMicroelectronics

Part # L99DZ70XP
Description  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 3Page - STMicroelectronics L99DZ70XP Datasheet HTML 4Page - STMicroelectronics L99DZ70XP Datasheet HTML 5Page - STMicroelectronics L99DZ70XP Datasheet HTML 6Page - STMicroelectronics L99DZ70XP Datasheet HTML 7Page - STMicroelectronics L99DZ70XP Datasheet HTML 8Page - STMicroelectronics L99DZ70XP Datasheet HTML 9Page - STMicroelectronics L99DZ70XP Datasheet HTML 10Page - STMicroelectronics L99DZ70XP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
L99DZ70XP
Block diagram and pin description
Doc ID 15162 Rev 3
7/47
3
4
5
OUT1,
OUT2,
OUT3
Halfbridge outputs 1,2,3.
The output is built by a highside and a lowside switch, which are internally
connected. The output stage of both switches is a power DMOS transistor.
Each driver has an internal parasitic reverse diode (bulk-drain-diode:
highside driver from output to VS, lowside driver from GND to output). This
output is over-current protected.
6, 7, 14, 15,
23, 24, 28,
29
VS
Power supply voltage (external reverse protection required).
For this input a ceramic capacitor as close as possible to GND is
recommended.
Important: For the capability of driving the full current at the outputs all pins
of VS must be externally connected!
8DI
Serial data input.
The input requires CMOS logic levels and receives serial data from the
microcontroller. The data is a 24 bit control word and the most significant bit
(MSB, bit 23) is transferred first.
9
CM/
PWM2
Current monitor output/PWM2 input.
Depending on the selected multiplexer bits of the control register this output
sources an image of the instant current through the corresponding highside
driver with a ratio of 1/10.000 or 1/2000. This pin is bidirectional. The
microcontroller can overdrive the current monitor signal to provide a second
PWM input for the outputs OUT5, OUT8 and OUT10.
10
CSN
Chip Select Not input / Testmode.
This input is low active and requires CMOS logic levels. The serial data
transfer between L99DZ70 and the microcontroller is enabled by pulling the
input CSN to low level.
11
DO
Serial data output.
The diagnosis data is available via the SPI and this tristate-output. The
output will remain in tristate, if the chip is not selected by the input CSN
(CSN = high)
12
VCC
Supply voltage.
For this input a ceramic capacitor as close as possible to GND is
recommended.
13
CLK
Serial clock input.
This input controls the internal shift register of the SPI and requires CMOS
logic levels.
16,17
20,21
22
OUT4,
OUT5,
OUT6
Halfbridge outputs 4,5,6: see OUT1 (pin 3).
Important: For the capability of driving the full current at the outputs both
pins of OUT4 (OUT5, respectively) must be externally connected!
25
ECDR
Electrocromic driver output.
If the electrochrome mode is selected this pin is used to control the gate of
an external MOSFET, otherwise it remains in high-impedance state.
Note: It is possible to connect the pin to VS as in L9950/53/54 applications,
as long as the electrochome mode is not enabled via SPI.
26
CP
Charge pump output.
This output is provided to drive the gate of an external n-channel power
MOS used for reverse polarity protection (see Figure 1.).
Table 2.
Pin definition and functions (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com