Electronic Components Datasheet Search
  English  ▼

X  

STA260 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA260
Description  Sirius SDARS channel, service & source decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA260 Datasheet(HTML) 1 Page - STMicroelectronics

  STA260 Datasheet HTML 1Page - STMicroelectronics STA260 Datasheet HTML 2Page - STMicroelectronics STA260 Datasheet HTML 3Page - STMicroelectronics STA260 Datasheet HTML 4Page - STMicroelectronics STA260 Datasheet HTML 5Page - STMicroelectronics STA260 Datasheet HTML 6Page - STMicroelectronics STA260 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
June 2007
Rev 1
1/7
7
STA260
Sirius SDARS channel, service & source decoder
Features
■ 2 Satellite and 1 terrestrial signal demodulators
and decoders
■ Advanced DSP processor to implement PAC
audio decoder
■ Requires a single 17MHz clock reference; all
high-speed clock signals are derived using
on-chip PLL
■ Programmable I2S to support 32K/48K/44.1K
audio sample rate (32K/48K Sample rates use
internal clocks, 44.1K Sample rate uses
external clock)
■ I2C master interface to control tuner and audio
DAC
■ External control through UART interface using
Sirius Standard Protocol (SSP) over RS-232
Analog to digital converters
■ Three internal 10 BIT A/D converters for
76.5MHZ if signals conversion
Low power technology
■ 1.2V, 90 µm technology
■ 2.5V capable I/OS
Description
STA260 is a fully integrated 3rd generation
Baseband signal processor for Sirius Satellite
Digital Audio Radio Service (SDARS). It is
implemented using ST Micro's advanced 90 µm
CMOS090 technology.
It allows a highly efficient implementation of a
Sirius “SDARS Satellite Digital Audio Radio
Service” receiver when used with its companion
STA210 tuner ASIC.
STA260 is packaged in a Low profile Fine pitch
Ball Grid Array (LFBGA 15x15) and in Very thin
Fine pitch Ball Grid Array (VFBGA 8x8).
LFBGA289
VFBGA244
(15x15x1.4mm)
(8x8x1.0mm)
Table 1.
Device summary
Part Number(1)
1.
This device is Pb-Free ECOPACK® see Chapter 3: Package information.
Package
Packing
STA260
LFBGA289
Tray
STA260TR
LFBGA289
Tape & reel
STA260-8x8
VFBGA244
Tray
www.st.com


Similar Part No. - STA260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA264 STMICROELECTRONICS-STA264 Datasheet
107Kb / 6P
Sirius overlay decoder
13-Jul-2007
STA264TR STMICROELECTRONICS-STA264TR Datasheet
107Kb / 6P
Sirius overlay decoder
13-Jul-2007
More results

Similar Description - STA260

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
MPEG Audio Source Decoder
September 1994
SAA2502 PHILIPS-SAA2502 Datasheet
318Kb / 64P
ISO/MPEG Audio Source Decoder
1997 Nov 17
SAA7214 PHILIPS-SAA7214 Datasheet
72Kb / 12P
Transport MPEG2 source decoder
2001 Mar 28
logo
STMicroelectronics
STA400A STMICROELECTRONICS-STA400A Datasheet
910Kb / 117P
XMRADIO SDARS CHANNEL DECODER
Sep-2003
logo
TEMIC Semiconductors
U2739M TEMIC-U2739M Datasheet
75Kb / 4P
DAB One-Chip Channel- and Source / Data Decoder
logo
STMicroelectronics
STA450A STMICROELECTRONICS-STA450A Datasheet
439Kb / 66P
XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
Sep-2003
logo
ATMEL Corporation
U2739M-B ATMEL-U2739M-B Datasheet
329Kb / 69P
DAB One-Chip Channel- and Source Decoder
logo
STMicroelectronics
STA210N STMICROELECTRONICS-STA210N Datasheet
97Kb / 6P
Sirius Satellite Digital audio radio service Heterodyne tuner
06-Jun-2007
STA240 STMICROELECTRONICS-STA240 Datasheet
116Kb / 6P
Sirius SDARS channel, service & source decoder
18-Jun-2007
STA264 STMICROELECTRONICS-STA264 Datasheet
107Kb / 6P
Sirius overlay decoder
13-Jul-2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com