Electronic Components Datasheet Search
  English  ▼

X  

STA260 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA260
Description  Sirius SDARS channel, service & source decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA260 Datasheet(HTML) 4 Page - STMicroelectronics

  STA260 Datasheet HTML 1Page - STMicroelectronics STA260 Datasheet HTML 2Page - STMicroelectronics STA260 Datasheet HTML 3Page - STMicroelectronics STA260 Datasheet HTML 4Page - STMicroelectronics STA260 Datasheet HTML 5Page - STMicroelectronics STA260 Datasheet HTML 6Page - STMicroelectronics STA260 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Package information
STA260
4/7
3
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 2.
LFBGA (15x15x1.4mm 289 ball) mechanical data & package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.400
0.0551
A1
0.210
0.0083
A2
0.985
0.0387
A3
0.200
0.0078
A4
0.800
0.0315
b
0.350
0.400
0.450 0.0138 0.0157 0.0177
D
14.850 15.000 15.150 0.5846 0.5906 0.5965
D1
12.800
0.5039
E
14.850 15.000 15.150 0.5846 0.5906 0.5965
E1
12.800
0.5039
e
0.800
0.0315
F
1.100
0.0433
ddd
0.120
0.0047
eee
0.150
0.0059
fff
0.080
0.0031
LFBGA289
Low profile Fine Pitch Ball Grid Array
Body: 15 x 15 x 1.4mm
7963045 C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com