Electronic Components Datasheet Search
  English  ▼

X  

STPS2H100-Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS2H100-Y
Description  Automotive power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100-Y Datasheet(HTML) 2 Page - STMicroelectronics

  STPS2H100-Y Datasheet HTML 1Page - STMicroelectronics STPS2H100-Y Datasheet HTML 2Page - STMicroelectronics STPS2H100-Y Datasheet HTML 3Page - STMicroelectronics STPS2H100-Y Datasheet HTML 4Page - STMicroelectronics STPS2H100-Y Datasheet HTML 5Page - STMicroelectronics STPS2H100-Y Datasheet HTML 6Page - STMicroelectronics STPS2H100-Y Datasheet HTML 7Page - STMicroelectronics STPS2H100-Y Datasheet HTML 8Page - STMicroelectronics STPS2H100-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STPS2H100-Y
2/9
Doc ID 17944 Rev 1
1
Characteristics
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(AV)
Average forward current
SMA / SMB
TL = 130 °C δ = 0.5
2
A
IFSM
Surge non repetitive forward current
tp =10 ms sinusoidal
75
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
2400
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
-40 to +175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
SMA
30
°C/W
SMB
25
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
--
1
µA
Tj = 125 °C
-
0.4
1
mA
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses use the following equation:
P = 0.56 x IF(AV) + 0.045 IF
2
(RMS)
Forward voltage drop
Tj = 25 °C
IF = 2 A
-
-
0.79
V
Tj = 125 °C
-
0.6
0.65
Tj = 25 °C
IF = 4 A
-
-
0.88
Tj = 125 °C
-
0.69
0.74
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com