Electronic Components Datasheet Search
  English  ▼

X  

RF3928B Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3928B
Description  380W GaN WIDEBAND PULSED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3928B Datasheet(HTML) 3 Page - RF Micro Devices

  RF3928B Datasheet HTML 1Page - RF Micro Devices RF3928B Datasheet HTML 2Page - RF Micro Devices RF3928B Datasheet HTML 3Page - RF Micro Devices RF3928B Datasheet HTML 4Page - RF Micro Devices RF3928B Datasheet HTML 5Page - RF Micro Devices RF3928B Datasheet HTML 6Page - RF Micro Devices RF3928B Datasheet HTML 7Page - RF Micro Devices RF3928B Datasheet HTML 8Page - RF Micro Devices RF3928B Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RF3928B
DS120503
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
RF Functional Test
(continued)
Power Gain
11.2
11.8
dB
F=3150MHz, PIN=44dBm
Input Return Loss
-6
dB
F=3150MHz, PIN=30dBm
Output Power
55.5
56
dBm
F=3150MHz, PIN=44dBm
Drain Efficiency
45
50
%
Small Signal Gain
13
dB
F=3400MHz, PIN=30dBm
Power Gain
11.3
11.8
dB
F=3400MHz, PIN=44dBm
Input Return Loss
-6
dB
F=3400MHz, PIN=30dBm
Output Power
55.5
56
dBm
F=3400MHz, PIN=44dBm
Drain Efficiency
45
50
%
RF Typical Performance
[1, 2]
Frequency Range
2800
3400
MHz
Small Signal Gain
13
dB
F=3100MHz, PIN=30dBm
Power Gain
11.8
dB
POUT=55.8dBm
Gain Variation with Temperature
-0.015
dB/°C
At peak output power
Output Power (PSAT)
55.8
dBm
Peak output power
380
W
Peak output power
Drain Efficiency
50
%
At peak output power
[1] Test Conditions: Pulsed Operation, PW=100
s, DC=10%, VDS=65V, IDQ=440mA, T=25ºC
[2] Performance in a standard tuned test fixture
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com