Electronic Components Datasheet Search
  English  ▼

X  

RF3928B Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3928B
Description  380W GaN WIDEBAND PULSED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3928B Datasheet(HTML) 5 Page - RF Micro Devices

  RF3928B Datasheet HTML 1Page - RF Micro Devices RF3928B Datasheet HTML 2Page - RF Micro Devices RF3928B Datasheet HTML 3Page - RF Micro Devices RF3928B Datasheet HTML 4Page - RF Micro Devices RF3928B Datasheet HTML 5Page - RF Micro Devices RF3928B Datasheet HTML 6Page - RF Micro Devices RF3928B Datasheet HTML 7Page - RF Micro Devices RF3928B Datasheet HTML 8Page - RF Micro Devices RF3928B Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5 of 11
RF3928B
DS120503
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard Fixed-tuned Test Fixture (T=25°C, Unless
Noted)
14
12
10
8
6
4
2
0
8
9
10
11
12
13
14
15
2800
2900
3000
3100
3200
3300
3400
3500
Frequency (MHz)
Small Signal PerformanceversusFrequency, P
IN = 30dBm
(Pulsed 10% duty cycle,100μS,V
D =65V, IDQ = 440mA)
Gain
IRL
Fixed tuned test circuit
12
8
4
0
10
11
12
13
2800
2900
3000
3100
3200
3300
3400
3500
3600
Frequency (MHz)
Gain/IRL versus Frequency, P
IN =44dBm
(Pulsed10% duty cylce, 100μS, V
D = 65V, IDQ =440mA)
Gain
IRL
Fixed tuned test circuit
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
2800
2900
3000
3100
3200
3300
3400
3500
3600
Frequency (MHz)
Drain Efficiency versus Frequency, P
IN =44dBm
(Pulsed 10% duty cycle, 100μS, V
D =65V, IDQ = 440mA)
Eff
Fixed tuned test circuit
10
20
30
40
50
60
70
9
10
11
12
13
14
15
45
46
47
48
49
50
51
52
53
54
55
56
Output Power (dBm)
Gain/ Efficiency versus P
OUT , f= 3200MHz
(Pulsed 10% duty cycle, 100μS, V
D =65V, IDQ = 440mA)
Gain
Drain Eff



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com