Electronic Components Datasheet Search
  English  ▼

X  

RF3932 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3932
Description  60W GaN WIDEBAND POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3932 Datasheet(HTML) 5 Page - RF Micro Devices

  RF3932 Datasheet HTML 1Page - RF Micro Devices RF3932 Datasheet HTML 2Page - RF Micro Devices RF3932 Datasheet HTML 3Page - RF Micro Devices RF3932 Datasheet HTML 4Page - RF Micro Devices RF3932 Datasheet HTML 5Page - RF Micro Devices RF3932 Datasheet HTML 6Page - RF Micro Devices RF3932 Datasheet HTML 7Page - RF Micro Devices RF3932 Datasheet HTML 8Page - RF Micro Devices RF3932 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5 of 14
RF3932
DS120406
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
-40
-35
-30
-25
-20
-15
-10
IMD vs. Output Power
(Vd = 48V, Idq = 220mA, f1 = 2139.5MHz, f2 = 2140.5MHz)
-IMD3
IMD3
-IMD5
IMD5
-IMD7
IMD7
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
0
0
1
0
1
1
Pout, Output Power (W- PEP)
IMD vs. Output Power
(Vd = 48V, Idq = 220mA, f1 = 2139.5MHz, f2 = 2140.5MHz)
-IMD3
IMD3
-IMD5
IMD5
-IMD7
IMD7
14
16
18
Gain vs. Pout
(2-Tone 1MHz Sepera on, Vd = 48V, Idq varied, fc = 2140MHz)
110mA
165mA
220mA
275mA
10
12
14
16
18
0
0
1
0
1
1
Pout, Output Power (W-PEP)
Gain vs. Pout
(2-Tone 1MHz Sepera on, Vd = 48V, Idq varied, fc = 2140MHz)
110mA
165mA
220mA
275mA
330mA
-30
-25
-20
-15
IMD3 vs. Pout
(2-Tone 1MHz Sepera on, Vd = 48V, Idq varied, fc = 2140MHz)
110mA
165mA
220mA
275mA
-40
-35
-30
-25
-20
-15
0
0
1
0
1
1
Pout, Output Power (W-PEP)
IMD3 vs. Pout
(2-Tone 1MHz Sepera on, Vd = 48V, Idq varied, fc = 2140MHz)
110mA
165mA
220mA
275mA
330mA
70
80
15
16
Gain/Efficiency vs. Pout, f = 2140MHz
(CW, Vd = 48V, Idq = 220mA)
30
40
50
60
70
80
11
12
13
14
15
16
Gain/Efficiency vs. Pout, f = 2140MHz
(CW, Vd = 48V, Idq = 220mA)
0
10
20
30
40
50
60
70
80
8
9
10
11
12
13
14
15
16
Gain/Efficiency vs. Pout, f = 2140MHz
(CW, Vd = 48V, Idq = 220mA)
Gain
Drain Eff
0
10
20
30
40
50
60
70
80
8
9
10
11
12
13
14
15
16
30
35
40
45
50
Pout, Output Power (dBm)
Gain/Efficiency vs. Pout, f = 2140MHz
(CW, Vd = 48V, Idq = 220mA)
Gain
Drain Eff
30
40
50
60
70
80
11
12
13
14
15
16
Gain/Efficiency vs. Pout, f = 2140MHz
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 220mA)
0
10
20
30
40
50
60
70
80
8
9
10
11
12
13
14
15
16
30
35
40
45
50
Pout, Output Power (dBm)
Gain/Efficiency vs. Pout, f = 2140MHz
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 220mA)
Gain
Drain Eff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com