Electronic Components Datasheet Search
  English  ▼

X  

RF3932 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF3932
Description  60W GaN WIDEBAND POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3932 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF3932 Datasheet HTML 2Page - RF Micro Devices RF3932 Datasheet HTML 3Page - RF Micro Devices RF3932 Datasheet HTML 4Page - RF Micro Devices RF3932 Datasheet HTML 5Page - RF Micro Devices RF3932 Datasheet HTML 6Page - RF Micro Devices RF3932 Datasheet HTML 7Page - RF Micro Devices RF3932 Datasheet HTML 8Page - RF Micro Devices RF3932 Datasheet HTML 9Page - RF Micro Devices RF3932 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 of 14
RF3932
DS120406
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard 900MHz Tuned Test Fixture
(CW, T = 25°C, unless otherwise noted)
-35
-30
-25
-20
-15
-10
IMD3 vs. Pout
(2-Tone 1MHz Sepera on, Vd = 48V, Idq varied, fc = 900MHz)
110mA
165mA
-50
-45
-40
-35
-30
-25
-20
-15
-10
0
0
1
0
1
1
Pout, Output Power (W-PEP)
IMD3 vs. Pout
(2-Tone 1MHz Sepera on, Vd = 48V, Idq varied, fc = 900MHz)
110mA
165mA
220mA
275mA
330mA
50
60
70
80
20
22
24
26
Gain/Efficiency vs. Pout, f = 900MHz
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 220mA)
10
20
30
40
50
60
70
80
12
14
16
18
20
22
24
26
38
40
42
44
46
48
50
Pout, Output Power (dBm)
Gain/Efficiency vs. Pout, f = 900MHz
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 220mA)
Gain
Drain Eff
10
20
30
40
50
60
70
80
12
14
16
18
20
22
24
26
38
40
42
44
46
48
50
Pout, Output Power (dBm)
Gain/Efficiency vs. Pout, f = 900MHz
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 220mA)
Gain
Drain Eff
40
50
60
70
80
18
20
22
24
26
Gain/Efficiency vs. Pout, f = 900MHz
(CW, Vd = 48V, Idq = 220mA)
10
20
30
40
50
60
70
80
12
14
16
18
20
22
24
26
38
40
42
44
46
48
50
Pout, Output Power (dBm)
Gain/Efficiency vs. Pout, f = 900MHz
(CW, Vd = 48V, Idq = 220mA)
Gain
Drain Eff
71
73
Drain Efficiency vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Fixed tuned test circuit
67
69
71
73
Drain Efficiency vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Fixed tuned test circuit
63
65
67
69
71
73
Drain Efficiency vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Fixed tuned test circuit
57
59
61
63
65
67
69
71
73
Drain Efficiency vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Eff
Fixed tuned test circuit
55
57
59
61
63
65
67
69
71
73
Frequency (MHz)
Drain Efficiency vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Eff
Fixed tuned test circuit
55
57
59
61
63
65
67
69
71
73
880
890
900
910
920
Frequency (MHz)
Drain Efficiency vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Eff
Fixed tuned test circuit
-10
22
Gain/IRL vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
13
-12
-11
-10
19
20
21
22
Gain/IRL vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Fixed tuned test circuit
-16
-15
-14
-13
-12
-11
-10
16
17
18
19
20
21
22
Gain/IRL vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Fixed tuned test circuit
20
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
12
13
14
15
16
17
18
19
20
21
22
Gain/IRL vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Fixed tuned test circuit
-22
-21
-20
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
10
11
12
13
14
15
16
17
18
19
20
21
22
880
890
900
910
920
Gain/IRL vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Gain
IRL
Fixed tuned test circuit
-22
-21
-20
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
10
11
12
13
14
15
16
17
18
19
20
21
22
880
890
900
910
920
Frequency (MHz)
Gain/IRL vs. Frequency, Pout = 47.8dBm
(CW, Vd = 48V, Idq = 220mA)
Gain
IRL
Fixed tuned test circuit
-8
-7
-6
-5
-4
-3
18
19
20
21
22
23
Small Signal Performance vs. Frequency, Pout = 30dBm
(Vd = 48V, Idq = 220mA)
Fixed tuned test circuit
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
14
15
16
17
18
19
20
21
22
23
880
890
900
910
920
Frequency (MHz)
Small Signal Performance vs. Frequency, Pout = 30dBm
(Vd = 48V, Idq = 220mA)
Gain
IRL
Fixed tuned test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com