Electronic Components Datasheet Search
  English  ▼

X  

RF3934S2 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3934S2
Description  120W GaN WIDEBAND POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3934S2 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF3934S2 Datasheet HTML 3Page - RF Micro Devices RF3934S2 Datasheet HTML 4Page - RF Micro Devices RF3934S2 Datasheet HTML 5Page - RF Micro Devices RF3934S2 Datasheet HTML 6Page - RF Micro Devices RF3934S2 Datasheet HTML 7Page - RF Micro Devices RF3934S2 Datasheet HTML 8Page - RF Micro Devices RF3934S2 Datasheet HTML 9Page - RF Micro Devices RF3934S2 Datasheet HTML 10Page - RF Micro Devices RF3934S2 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7 of 14
RF3934
DS120306
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
50
45
40
35
30
25
20
15
10
5
0
1
10
100
Pout, Output Power (W PEP)
IMD vs. Output Power
(Vd = 48V,Idq = 440mA, f1 = 899.5MHz, f2 = 900.5MHz)
IMD3
IMD3
IMD5
IMD5
IMD7
IMD7
19
20
21
22
23
24
1
10
100
1000
Pout, Output Power (WPEP)
Gain vs. Pout
(2 Tone 1MHz Seperation, Vd = 48V, Idq varied, fc = 900MHz)
220mA
330mA
440mA
550mA
660mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com