Electronic Components Datasheet Search
  English  ▼

X  

RF3934S2 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3934S2
Description  120W GaN WIDEBAND POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3934S2 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3934S2 Datasheet HTML 1Page - RF Micro Devices RF3934S2 Datasheet HTML 2Page - RF Micro Devices RF3934S2 Datasheet HTML 3Page - RF Micro Devices RF3934S2 Datasheet HTML 4Page - RF Micro Devices RF3934S2 Datasheet HTML 5Page - RF Micro Devices RF3934S2 Datasheet HTML 6Page - RF Micro Devices RF3934S2 Datasheet HTML 7Page - RF Micro Devices RF3934S2 Datasheet HTML 8Page - RF Micro Devices RF3934S2 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
RF IN
VG
Pin 1 (CUT )
RF OUT
VD
Pin 2
GND
BASE
RF3934
120W GaN WIDEBAND POWER AMPLIFIER
The RF3934 is a 48V 120W high power discrete amplifier designed for commercial
wireless infrastructure, cellular and WiMAX infrastructure, industrial/scien-
tific/medical and general purpose broadband amplifier applications. Using an
advanced high power density Gallium Nitride (GaN) semiconductor process, these
high-performance amplifiers achieve high efficiency and flat gain over a broad fre-
quency range in a single amplifier design. The RF3934 is an unmatched GaN tran-
sistor packaged in a hermetic, flanged ceramic package. This package provides
excellent thermal stability through the use of advanced heat sink and power dissi-
pation technologies. Ease of integration is accomplished through the incorporation
of simple, optimized matching networks external to the package that provide wide-
band gain and power performance in a single amplifier.
Features
Broadband Operation DC to
3.5GHz
Advanced GaN HEMT
Technology
Advanced Heat-Sink
Technology
Small Signal Gain = 13dB at
2GHz
48V Operation Typical
Performance
• Output Power 140W at P3dB
• Drain Efficiency 60% at P3dB
• -40°C to 85°C Operation
Applications
Commercial Wireless
Infrastructure
Cellular and WiMAX
Infrastructure
Civilian and Military Radar
General Purpose Broadband
Amplifiers
Public Mobile Radios
Industrial, Scientific, and
Medical
RF3934S2
2-piece sample bag
RF3934SB
5-piece bag
RF3934SQ
25-piece bag
RF3934SR
100 pieces on 7” short reel
RF3934TR7
750 pieces on 7” reel
RF3934PCK-411
Fully assembled evaluation board optimized for
2.14GHz; 48V
DS120306
Package: Hermetic 2-Pin Flanged Ceramic


Similar Part No. - RF3934S2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3934D RFMD-RF3934D Datasheet
689Kb / 9P
120W GaN on SiC Power Amplifier Die
More results

Similar Description - RF3934S2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
30W GaN WIDEBAND POWER AMPLIFIER
RF3932 RFMD-RF3932_12 Datasheet
1Mb / 14P
60W GaN WIDEBAND POWER AMPLIFIER
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
280W GaN Wideband Pulsed Power Amplifier
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
GaN Wideband Power Amplifier
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
GaN Wideband Power Amplifier
logo
RF Micro Devices
RF3934D RFMD-RF3934D Datasheet
689Kb / 9P
120W GaN on SiC Power Amplifier Die
logo
M/A-COM Technology Solu...
NPA1006 MA-COM-NPA1006 Datasheet
1Mb / 13P
GaN Wideband Power Amplifier, 28 V, 12.5 W
logo
RF Micro Devices
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
225W GaN Wideband Pulsed Power Amplifier
logo
Microsemi Corporation
1214GN-120E MICROSEMI-1214GN-120E Datasheet
488Kb / 16P
120W L-Band Radar GaN Power Transistor and Pallet Amplifier
Revision 1.0
logo
Qorvo, Inc
QPB0220N QORVO-QPB0220N Datasheet
763Kb / 11P
2 - 18 GHz Wideband GaN Amplifier
Rev. C, April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com