Electronic Components Datasheet Search
  English  ▼

X  

RF3934SR Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF3934SR
Description  120W GaN WIDEBAND POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3934SR Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF3934SR Datasheet HTML 6Page - RF Micro Devices RF3934SR Datasheet HTML 7Page - RF Micro Devices RF3934SR Datasheet HTML 8Page - RF Micro Devices RF3934SR Datasheet HTML 9Page - RF Micro Devices RF3934SR Datasheet HTML 10Page - RF Micro Devices RF3934SR Datasheet HTML 11Page - RF Micro Devices RF3934SR Datasheet HTML 12Page - RF Micro Devices RF3934SR Datasheet HTML 13Page - RF Micro Devices RF3934SR Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10 of 14
RF3934
DS120306
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
2.14GHz Evaluation Board Schematic
2.14GHz Evaluation Board Bill of Materials
Component
Value
Manufacturer
Part Number
C1
10pF
ATC
ATC800A100JT
C2, C10, C11, C15
33pF
ATC
ATC800A330JT
C3,C14
0.1
F
Murata
GRM32NR72A104KA01L
C4,C13
4.7
F
Murata
GRM55ER72A475KA01L
C5
100
F
Panasonic
ECE-V1HA101UP
C6
2.0pF
ATC
ATC800A2R0BT
C7
0.3pF
ATC
ATC800A0R3BT
C8
1.5pF
ATC
ATC800A1R5BT
C9
2.7pF
ATC
ATC800A2R7BT
C12
100
F
Panasonic
EEV-TG2A101M
C17
1.8pF
ATC
ATC800A1R8BT
R1
10
Panasonic
ERJ-8GEYJ100V
C16, C18, C19
Not used
-
-
PCB
RO4350, 0.030" thick
dielectric
Rogers
-
5)
&
5
&
&
&
9*$7(
9'5$,1
&

VWULS
-
5) ,1
-
5) 287
&
&
&
&

VWULS
&
&
&
&

&
&
&



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com