Electronic Components Datasheet Search
  English  ▼

X  

RF3934SR Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3934SR
Description  120W GaN WIDEBAND POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3934SR Datasheet(HTML) 3 Page - RF Micro Devices

  RF3934SR Datasheet HTML 1Page - RF Micro Devices RF3934SR Datasheet HTML 2Page - RF Micro Devices RF3934SR Datasheet HTML 3Page - RF Micro Devices RF3934SR Datasheet HTML 4Page - RF Micro Devices RF3934SR Datasheet HTML 5Page - RF Micro Devices RF3934SR Datasheet HTML 6Page - RF Micro Devices RF3934SR Datasheet HTML 7Page - RF Micro Devices RF3934SR Datasheet HTML 8Page - RF Micro Devices RF3934SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3 of 14
RF3934
DS120306
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
RF Typical Performance
[1], [2]
Small Signal Gain
21
dB
CW, f = 900MHz
Small Signal Gain
13
dB
CW, f = 2140MHz
Output Power at P3dB
51.60
dBm
CW, f = 900MHz
Output Power at P3dB
51.46
dBm
CW, f = 2140MHz
Drain Efficiency at P3dB
75
%
CW, f = 900MHz
Drain Efficiency at P3dB
60
%
CW, f = 2140MHz
[1] Test Conditions: CW operation, VDSQ = 48V, IDQ= 440mA, T = 25ºC
[2] Performance in a standard tuned test fixture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com