Electronic Components Datasheet Search
  English  ▼

X  

SF2148B Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # SF2148B
Description  Designed for TD-SCDMA Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2148B Datasheet(HTML) 3 Page - RF Monolithics, Inc

  SF2148B Datasheet HTML 1Page - RF Monolithics, Inc SF2148B Datasheet HTML 2Page - RF Monolithics, Inc SF2148B Datasheet HTML 3Page - RF Monolithics, Inc SF2148B Datasheet HTML 4Page - RF Monolithics, Inc SF2148B Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 5
©2008 by RF Monolithics, Inc.
SF2148B - 7/9/09
SF2148B Group Delay Deviation & Amplitude Ripple
CH1
S 21
D EL
20 ns/
REF 640 ns
CE NTER
13 8 . 240
0 00
MHz
SPA N
2 4 . 000
0 00
MHz
C
Smo
C H 2
S 21
L OG
1 dB/
REF -9.9 68 dB
C
5 Sep 20 08 09:24:48
1
2
2 : -7 . 2 586
ns
20 . 000
000
MH z
RE F= 1
CH 1
Markers
mean
: 6 42 . 55
ns
s . dev
: 7 . 1266
ns
p-p
: 3 2 . 329
ns
1
2
2 : - . 01590
dB
20 . 000
000
MH z
RE F= 1
CH 2
Markers
m ean
: -9 . 3 101
dB
s . dev
: . 1 3420
dB
p-p
: . 70180
dB
SF2148 B, Unit #50 Demo
Fu ll
Fu ll
CH1
S1 1
1 U FS
CENTER
138 . 240
0 00
MHz
SPAN
10 0 . 000
000
MHz
Cor
CH2
S2 2
1 U FS
Cor
4 Sep 2008 16:02:18
1
1: 47 . 832
-8 . 2207
140 . 05
p F
138 . 240
000
MHz
1
1: 31 . 293
23 . 648
27 . 2 26
nH
138 . 240
000
MHz
SF2148B, Unit #50 Demo
Full
Full
SF2148B Input/Output Impedance Plots



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com