Electronic Components Datasheet Search
  English  ▼

X  

SF2148B Datasheet(PDF) 5 Page - RF Monolithics, Inc

Part # SF2148B
Description  Designed for TD-SCDMA Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2148B Datasheet(HTML) 5 Page - RF Monolithics, Inc

  SF2148B Datasheet HTML 1Page - RF Monolithics, Inc SF2148B Datasheet HTML 2Page - RF Monolithics, Inc SF2148B Datasheet HTML 3Page - RF Monolithics, Inc SF2148B Datasheet HTML 4Page - RF Monolithics, Inc SF2148B Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 5 of 5
©2008 by RF Monolithics, Inc.
SF2148B - 7/9/09
SMP-03-S Case
12-Terminal Ceramic Surface-Mount Case
5 x 7 mm Nominal Footprint
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
6.80
7.00
7.20
0.268
0.276
0.283
B
4.80
5.00
5.20
0.189
0.197
0.205
C
1.65
2.00
0.065
0.079
D
0.80
E
2.41
2.54
2.67
0.095
0.100
0.105
H
0.87
1.1
1.13
0.034
0.039
0.044
J
2.54
K
2.87
3.00
3.13
0.113
0.118
0.123
P
1.14
1.27
1.40
0.045
0.050
0.055
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
Pb
Electrical Connections
Input
1, 10
Output
6, 5
Ground
2, 3, 4, 7, 8, 9, 11, 12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com