Electronic Components Datasheet Search
  English  ▼

X  

STPS40120C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS40120C
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40120C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS40120C_11 Datasheet HTML 1Page - STMicroelectronics STPS40120C_11 Datasheet HTML 2Page - STMicroelectronics STPS40120C_11 Datasheet HTML 3Page - STMicroelectronics STPS40120C_11 Datasheet HTML 4Page - STMicroelectronics STPS40120C_11 Datasheet HTML 5Page - STMicroelectronics STPS40120C_11 Datasheet HTML 6Page - STMicroelectronics STPS40120C_11 Datasheet HTML 7Page - STMicroelectronics STPS40120C_11 Datasheet HTML 8Page - STMicroelectronics STPS40120C_11 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
September 2011
Doc ID 11214 Rev 3
1/9
9
STPS40120C
Power Schottky rectifier
Features
■ High junction temperature capability
■ Avalanche rated
■ Low leakage current
■ Good trade-off between leakage current and
forward voltage drop
Description
Dual center tap Schottky rectifier suited for high
frequency Switch Mode Power Supply.
Packaged in TO-220AB, TO-220AB narrow leads
and I2PAK, this device is intended to be used in
notebook and LCD adaptors, desktop SMPS,
providing in these applications a margin between
the remaining voltages applied on the diode and
the voltage capability of the diode.
Table 1.
Device summary
IF(AV)
2 x 20 A
VRRM
120 V
Tj(max)
175 °C
VF(typ)
0.57 V
K
K
A2
A1
K
K
A2
A1
TO-220AB
STPS40120CT
K
A1
A2
I2PAK
STPS40120CR
TO-220AB narrow leads
STPS40120CTN
A1
A2
K
K
www.st.com


Similar Part No. - STPS40120C_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40120CR STMICROELECTRONICS-STPS40120CR Datasheet
106Kb / 8P
Power Schottky rectifier
01-Dec-2006
STPS40120CT STMICROELECTRONICS-STPS40120CT Datasheet
106Kb / 8P
Power Schottky rectifier
01-Dec-2006
STPS40120CT STMICROELECTRONICS-STPS40120CT Datasheet
209Kb / 11P
120 V power Schottky rectifier
21-Jun-2018
STPS40120CTN STMICROELECTRONICS-STPS40120CTN Datasheet
209Kb / 11P
120 V power Schottky rectifier
21-Jun-2018
STPS40120C STMICROELECTRONICS-STPS40120C_V01 Datasheet
209Kb / 11P
120 V power Schottky rectifier
21-Jun-2018
More results

Similar Description - STPS40120C_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com