Electronic Components Datasheet Search
  English  ▼

X  

STPS40120C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS40120C
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40120C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS40120C_11 Datasheet HTML 1Page - STMicroelectronics STPS40120C_11 Datasheet HTML 2Page - STMicroelectronics STPS40120C_11 Datasheet HTML 3Page - STMicroelectronics STPS40120C_11 Datasheet HTML 4Page - STMicroelectronics STPS40120C_11 Datasheet HTML 5Page - STMicroelectronics STPS40120C_11 Datasheet HTML 6Page - STMicroelectronics STPS40120C_11 Datasheet HTML 7Page - STMicroelectronics STPS40120C_11 Datasheet HTML 8Page - STMicroelectronics STPS40120C_11 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS40120C
4/9
Doc ID 11214 Rev 3
Figure 9.
Forward voltage drop versus forward current (per diode)
Figure 7.
Reverse leakage current versus
reverse voltage applied (typical
values, per diode)
Figure 8.
Junction capacitance versus
reverse voltage applied (typical
values, per diode)
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
10
20
30
40
50
60
70
80
90
100
110
120
I (mA)
R
V (V)
R
T =125°C
j
T =25°C
j
T =50°C
j
T =75°C
j
T =100°C
j
T =150°C
j
10
100
1000
1
10
100
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
I
(A)
FM
V
(V)
FM
T =25°C
(maximum values)
j
T =125°C
(maximum values)
j
T =125°C
(typical values)
j



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com