Electronic Components Datasheet Search
  English  ▼

X  

RF1432C Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # RF1432C
Description  319.500 MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF1432C Datasheet(HTML) 3 Page - RF Monolithics, Inc

  RF1432C Datasheet HTML 1Page - RF Monolithics, Inc RF1432C Datasheet HTML 2Page - RF Monolithics, Inc RF1432C Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 3 of 3
©2008 by RF Monolithics, Inc.
RF1432C - 3/21/08
A
1
2
3
B
7
6
5
4
C
D 7
6
5
4
E
F
G
1
2
3
8
8
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
10
dBm
DC Voltage
12
VDC
Storage Temperature5
-40 to +85
°C
Soldering Temperature
(10 seconds / 5 cycles max.)
260
°C
Pin
Connection
1
Input
2
Input Ground
3
Ground
4
Case Ground
5
Output
6
Output Ground
7
Ground
8
Case Ground
Matching Circuit to 50
Ω
Electrical Connections
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
4.8
5.0
5.2
0.189
0.197
0.205
B
4.8
5.0
5.2
0.189
0.197
0.205
C
1.30
1.50
1.7
0.050
0.060
0.067
D
1.98
2.08
2.18
0.078
0.082
0.086
E
1.07
1.17
1.27
0.042
0.046
0.05
F
0.50
0.64
0.70
0.020
0.025
0.028
G
2.39
2.54
2.69
0.094
0.100
0.106
Case Dimensions
1
2
3
8
Input
Output
7
6
5
4
82nH
82nH
Pin
Connection
1
Input Ground
2
Input
3
Ground
4
Case Ground
5
Output Ground
6
Output
7
Ground
8
Case Ground
Optional Electrical Connections
Matching Circuit to 50
Ω
7
6
5
4
1
2
3
8
Input
Output
82 nH
82 nH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com