Electronic Components Datasheet Search
  English  ▼

X  

RF1432C Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RF1432C
Description  319.500 MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF1432C Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RF1432C Datasheet HTML 1Page - RF Monolithics, Inc RF1432C Datasheet HTML 2Page - RF Monolithics, Inc RF1432C Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 1 of 3
©2008 by RF Monolithics, Inc.
RF1432C - 3/21/08
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency at 25°C
Absolute Frequency
fC
1, 2
319.420
319.580
MHz
Tolerance from 319.500 MHz
∆f
C
±80
kHz
Insertion Loss
IL
1
1.8
2.8
dB
3 dB Bandwidth
BW3
1, 2
500
600
800
kHz
Rejection
at fc - 21.4 MHz (Image)
1
40
50
dB
at fc - 10.7 MHz (LO)
40
50
Ultimate
80
Temperature
Operating Case Temperature
TC
3, 4
-40
+85
°C
Turnover Temperature
TO
25
40
55
°C
Turnover Frequency
fO
fC
MHz
Frequency Temperature Coefficent
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
IfAI
5
≤10
ppm/yr
Impedance @ FC
INPUT ZIN = RIN // CIN
ZIN
1
3.97k
Ω // 4.37pF
OUTPUT ZOUT = ROUT // COUT
ZOUT
1
2.56k
Ω // 4.27pF
Lid Symbolization (in addition to Lot and/or Date Codes)
621 // DATECODE
• Ideal Front-End Filter for European Wireless Receivers
• Low-Loss, Coupled-Resonator Quartz Design
• Simple External Impedance Matching
• Complies with Directive 2002/95/EC (RoHS)
The RF1432C is a low-loss, compact and economical surface-acoustic-wave (SAW) filter designed to provide
front-end selectivity in 319.500 MHz receivers. Recevier designs using this filter include superhet with
10.7 MHz or 500 kHz IF, direct conversion and superregen.
This coupled-resonator filter (CRF) uses selective null placement to provide suppression, typically greater
than 40 dB, of the LO and image spurious responses of superhet receivers with 10.7 MHz IF. RFM’s
advanced SAW design and fabrication technology is utilized to achieve high performance and very low loss
with simple external impedance matching (not included). Quartz construction provides excellent frequency
stability over a wide temperature range.
319.500 MHz
SAW Filter
RF1432C
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50
Ω test system with
VSWR
≤ 1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, f
c. Note that insertion loss, bandwidth,
and passband shape are dependent on the impedance matching component values and quality.
2.
The frequency fc is defined as the midpoint between the 3dB frequencies.
3.
Where noted, specifications apply over the entire specified operating temperature range.
4.
The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature, Tc, may
be calculated from: f = fo [1 - FTC (To -Tc)
2].
5.
Frequency aging is the change in fc with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
6.
The design, manufacturing process, and specifications of this device are subject to change without notice.
7.
One or more of the following U.S. Patents apply: 4,54,488, 4,616,197, and others pending.
8.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
Pb
SM5050-8 Case
5 x 5


Similar Part No. - RF1432C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF1432C MURATA-RF1432C Datasheet
91Kb / 3P
319.5 MHz SAW Filter
More results

Similar Description - RF1432C

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1284 RFM-RF1284 Datasheet
158Kb / 2P
319.500 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
B7738 EPCOS-B7738 Datasheet
93Kb / 8P
SAW filter 719.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
SAW Filter 2140.0 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com