Electronic Components Datasheet Search
  English  ▼

X  

RF3606D Datasheet(PDF) 9 Page - RF Monolithics, Inc

Part # RF3606D
Description  390 MHz SAW Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3606D Datasheet(HTML) 9 Page - RF Monolithics, Inc

Back Button RF3606D Datasheet HTML 2Page - RF Monolithics, Inc RF3606D Datasheet HTML 3Page - RF Monolithics, Inc RF3606D Datasheet HTML 4Page - RF Monolithics, Inc RF3606D Datasheet HTML 5Page - RF Monolithics, Inc RF3606D Datasheet HTML 6Page - RF Monolithics, Inc RF3606D Datasheet HTML 7Page - RF Monolithics, Inc RF3606D Datasheet HTML 8Page - RF Monolithics, Inc RF3606D Datasheet HTML 9Page - RF Monolithics, Inc RF3606D Datasheet HTML 10Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.RFM.com E-mail: info@rfm.com
Page 9 of 10
©2010 by RF Monolithics, Inc.
RF3606D - 3/3/10
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.6
3.8
4.0
0.142
0.150
0.157
B
3.6
3.8
4.0
0.142
0.150
0.157
C
0.90
1.00
1.1
0.035
0.040
0.043
D
0.80
0.90
1.0
0.031
0.035
0.040
E
0.90
1.00
1.10
0.035
0.040
0.043
F
0.50
0.60
0.70
0.020
0.024
0.028
G
2.39
2.54
2.69
0.090
0.100
0.110
H
1.40
1.75
2.05
0.055
0.069
0.080
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
8-Terminal Ceramic Surface-Mount Case
3.8 X 3.8 mm Nominal Footprint
TOP VIEW
BOTTOM VIEW
0.066
0.055 TYP.
(1.68)
(1.40)
PCB Footprint
A
1
2
3
B
7
6
5
4
C
H 7
6
5
4
E
F
G
1
2
3
8
8
D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com