Electronic Components Datasheet Search
  English  ▼

X  

RF3606D Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RF3606D
Description  390 MHz SAW Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3606D Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RF3606D Datasheet HTML 1Page - RF Monolithics, Inc RF3606D Datasheet HTML 2Page - RF Monolithics, Inc RF3606D Datasheet HTML 3Page - RF Monolithics, Inc RF3606D Datasheet HTML 4Page - RF Monolithics, Inc RF3606D Datasheet HTML 5Page - RF Monolithics, Inc RF3606D Datasheet HTML 6Page - RF Monolithics, Inc RF3606D Datasheet HTML 7Page - RF Monolithics, Inc RF3606D Datasheet HTML 8Page - RF Monolithics, Inc RF3606D Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 10
©2010 by RF Monolithics, Inc.
RF3606D - 3/3/10
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
390.0
MHz
1 dB Bandwidth
BW1
16.0
MHz
Maximum Insertion Loss, 383.1 to 396.9 MHz
ILMAX
1.4
2.4
dB
Amplitude Ripple, p-p, 383.1 to 396.9 MHz
1.0
Rejection Referenced to Insertion Loss at 390.0 MHz:
DC to 370 MHz
32
35
400 to 490 MHz
32
35
490 to 890 MHz
42
45
890 to 1390 MHz
63
66
1390 to 1790 MHz
55
58
1790 to 2000 MHz
53
56
Source Impedance
ZS
50
Ω
Balanced Load Impedance
ZL
150
Ω
Case Style
SM3838-8 3.8 x 3.8 mm Nominal Footprint
Lid Symbolization (Y=year, WW=week, S=shift) dot=pin 1 indicator
889, YWWS
Standard Reel Quantity
Reel Size 7 Inch
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
Connection
Terminals
Single-ended Port
6
Balanced Port
1, 3
Case Ground
4, 5, 7, 8
No Connection
2
• 383.1 to 396.9 MHz Filter
• Optimized for use with the TRC105 Transceiver
• Balanced 150 ohm IC Interface
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
+15
dBm
DC Voltage
±5
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range in Tape and Reel
-40 to +85
°C
390 MHz
SAW Filter
RF3606D
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external
impedance matching design. See Application Note No. 42 for details.
4.
The design, manufacturing process, and specifications of this filter are subject to change.
5.
US and international patents may apply.
6.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
SM3838-8
Preliminary


Similar Part No. - RF3606D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3606D MURATA-RF3606D Datasheet
581Kb / 10P
390 MHz SAW Filter
More results

Similar Description - RF3606D

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0150A TAI-SAW-TC0150A Datasheet
336Kb / 4P
SAW Resonator 390 MHz SMD5X5 mm
TC0251A TAI-SAW-TC0251A Datasheet
272Kb / 6P
SAW Resonator 390 MHz SMD 3.8X3.8 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3606D MURATA-RF3606D Datasheet
581Kb / 10P
390 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TC0151A TAI-SAW-TC0151A Datasheet
278Kb / 3P
SAW Resonator 390 MHz
TC0180A TAI-SAW-TC0180A Datasheet
196Kb / 3P
SAW Resonator 390 MHz
TC0204A TAI-SAW-TC0204A Datasheet
352Kb / 4P
SAW Resonator 390 MHz
logo
Abracon Corporation
ASR390E ABRACON-ASR390E Datasheet
681Kb / 1P
SMD ONE PORT 390 MHz SAW RESONATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TE0115A TAI-SAW-TE0115A Datasheet
221Kb / 11P
Dual SAW Filter 390 / 420 MHz
TE0161A TAI-SAW-TE0161A Datasheet
404Kb / 10P
SAW Dual SAW 370/390 MHz (BW 20 MHz) SMD 5.0X5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com