Electronic Components Datasheet Search
  English  ▼

X  

SF2170D Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # SF2170D
Description  165 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2170D Datasheet(HTML) 2 Page - RF Monolithics, Inc

  SF2170D Datasheet HTML 1Page - RF Monolithics, Inc SF2170D Datasheet HTML 2Page - RF Monolithics, Inc SF2170D Datasheet HTML 3Page - RF Monolithics, Inc SF2170D Datasheet HTML 4Page - RF Monolithics, Inc SF2170D Datasheet HTML 5Page - RF Monolithics, Inc SF2170D Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 6
©2009 by RF Monolithics, Inc.
SF2170D - 4/29/09
CH1
S11
LOG
5 dB/
REF 0 dB
CENTR
165 . 000
MHz
SPAN
240 . 000
MHz
CH2
S21
LOG
10 dB/
REF -55 dB
CENTER
165 . 000
000
MHz
SPAN
240 . 000
000
MHz
CH3
S22
LOG
5 dB/
REF 0 dB
CENTR
165 . 000
MHz
SPAN
240 . 000
MHz
17 Sep 2008 06:49:06
1
2
3
3 : 5 . 2056
dB
20 . 000
000
MHz
REF=2
CH1
Markers
mean
: -20
. 948
dB
s . dev
: 5 . 2747
dB
p-p
: 29 . 591
dB
1
1 : -9 . 8909
dB
158 . 700
000
MHz
Max
CH2 PASS
1
2
3
3 : -3 . 5658
dB
20 . 000
000
MHz
REF=2
CH3
Markers
mean
: -12
. 005
dB
s . dev
: 2 . 7750
dB
p-p
: 11 . 003
dB
SF2170D Demo Board
Full 2-port cal
Broadband Filter Response and Return Loss (through matching network)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com