Electronic Components Datasheet Search
  English  ▼

X  

SF2170D Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # SF2170D
Description  165 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2170D Datasheet(HTML) 3 Page - RF Monolithics, Inc

  SF2170D Datasheet HTML 1Page - RF Monolithics, Inc SF2170D Datasheet HTML 2Page - RF Monolithics, Inc SF2170D Datasheet HTML 3Page - RF Monolithics, Inc SF2170D Datasheet HTML 4Page - RF Monolithics, Inc SF2170D Datasheet HTML 5Page - RF Monolithics, Inc SF2170D Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 6
©2009 by RF Monolithics, Inc.
SF2170D - 4/29/09
CH1
S11
1 U FS
CENTR
165 . 000
MHz
SPAN
40 . 000
MHz
Cor
CH2
S21
LOG
1 dB/
REF -9 dB
CENTER
165 . 000
000
MHz
SPAN
40 . 000
000
MHz
Cor
CH3
S22
1 U FS
CENTR
165 . 000
MHz
SPAN
40 . 000
MHz
Cor
17 Sep 2008 14:04:20
1
1: 63 . 861
6 . 2988
6 . 0757
nH
165 . 000
000
MHz
1
2
3
4
1 : 0 . 0000
dB
0 . 000
000
MHz
REF=1
CH2
Markers
BW :
23 . 196777
MHz
cent
:
165 . 256979
MHz
Q: 7 . 1241
1_ loss
: -9 . 4834
dB
1
1 : 33 . 861
-2 . 3672
407 . 48
pF
165 . 000
000
MHz
SF2170D Demo Board
Full 2-port cal
-1 dB BW
Full
Full
Passband Amplitude and Impedance Detail



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com