Electronic Components Datasheet Search
  English  ▼

X  

EMIF02-SPK01M6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF02-SPK01M6
Description  2-line IPAD?? EMI filter and ESD protection for speaker
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-SPK01M6 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF02-SPK01M6 Datasheet HTML 1Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 2Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 3Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 4Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 5Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 6Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 7Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 8Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
EMIF02-SPK01M6
2/11
Doc ID 15845 Rev 2
1
Characteristics
Figure 3.
Electrical characteristics (definitions)
Table 1.
Absolute ratings (limiting values at Tamb = 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VPP
ESD discharge IEC 61000-4-2 air discharge on input pins
Air discharge
Contact discharge
ESD discharge IEC 61000-4-2 contact discharge on output pins
Air discharge
Contact discharge
MILSTD883 Class 3B
15
8
2
2
8
kV
Tj
Junction temperature
125
°C
Top
Operating temperature range
-30 to +85
°C
Tstg
Storage temperature range
-55 to +150
°C
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
I
=
Peak pulse current
I
=
Breakdown current
BR
RM
RM
RM
PP
R
V
=
Clamping voltage
CL
I
V
IPP
VCL
VBR
VRM
IR
IRM
IRM
IR
IPP
VRM
VBR
VCL
Table 2.
Electrical characterisitcs (Tamb = 25 °C)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6
8
V
IRM
VRM = 3 V per line
500
nA
RI/O
Tolerance ± 20%
10
Ω
Cline
VR= 0, F = 1 MHz, VOSC = 30 mV, ±30%
220
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com