Electronic Components Datasheet Search
  English  ▼

X  

EMIF02-SPK01M6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF02-SPK01M6
Description  2-line IPAD?? EMI filter and ESD protection for speaker
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-SPK01M6 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF02-SPK01M6 Datasheet HTML 1Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 2Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 3Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 4Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 5Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 6Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 7Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 8Page - STMicroelectronics EMIF02-SPK01M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
EMIF02-SPK01M6
Package information
Doc ID 15845 Rev 2
5/11
3
Package information
●
Epoxy meets UL94, V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 3.
Micro QFN 1.45 x 1.00 6L dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.50
0.55
0.60
0.020 0.022 0.024
A1
0.00
0.02
0.05
0.000 0.001 0.002
b
0.18
0.25
0.30
0.007 0.010 0.012
D
1.45
0.057
E
1.00
0.039
e
0.50
0.020
K
0.20
0.008
L
0.30
0.35
0.40
0.012 0.014 0.016
E
D
A
A1
e
b
k
L
N
1
1
2
2
Figure 10.
Footprint in mm [inches]
Figure 11.
Marking
0.50
[0.020]
0.25
[0.010]
0.60
[0.023]
0.30
[0.012]
1.60
[0.063]
Dot : Pi n 1 Identification
K = Marking
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com