Electronic Components Datasheet Search
  English  ▼

X  

EMIF02-USB03F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF02-USB03F2
Description  2-line IPAD?? EMI filter including ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-USB03F2 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF02-USB03F2_10 Datasheet HTML 1Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 2Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 3Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 4Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 5Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 6Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 7Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
February 2010
Doc ID 10740 Rev 5
1/8
8
EMIF02-USB03F2
2-line IPAD™, EMI filter including ESD protection
Features
■ 2-line, low-pass filter + 2-line ESD protection
■ High efficiency in EMI filtering
■ Lead-free package
■ Very low PCB space occupation: < 2.80 mm2
■ Very thin package: 0.65 mm
■ High efficiency in ESD suppression
(IEC 61000-4-2 level 4)
■ High reliability offered by monolithic integration
■ High reduction of parasitic elements through
integration and wafer level packaging
Complies with the following standards
■ IEC 61000-4-2 level 4 on external pins:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ IEC 61000-4-2 level 1 on internal pins:
– 2 kV (air discharge)
– 2 kV (contact discharge)
Application
ESD protection and EMI filtering for:
■ USB OTG port
Description
The EMIF02-USB03F2 is a highly integrated array
designed to suppress EMI / RFI noise for USB
OTG (on-the-go) ports.
The EMIF02-USB03F2 Flip-Chip packaging
means the package size is equal to the die size.
Additionally, this filter includes ESD protection
circuitry which prevents damage to the protected
device when subjected to ESD surges up to 15 kV
on external contacts.
Figure 1.
Pin layout (bump side)
Figure 2.
Schematic
TM: IPAD is a trademark of STMicroelectronics.
Flip Chip
(11 bumps)
3
ID
Vbus
D+
out
D-
out
Pup
Pd2
GND
Pd1
D+
in
D-
in
Dz
2
A
B
C
D
1
CLINE = 20 pF max.
D+OUT
D+IN
D-IN
D-OUT
Pd2
Pd1
R2=33
Ω
R3=1.3k
Ω
Pup
Dz
ID
Vbus
R1=33
Ω
EMIF02-USB03F2
R5=15k
Ω
R4=17k
Ω
www.st.com


Similar Part No. - EMIF02-USB03F2_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_08 Datasheet
188Kb / 8P
2-line IPAD, EMI filter including ESD protection
28-Apr-2008
More results

Similar Description - EMIF02-USB03F2_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-USB01F2 STMICROELECTRONICS-EMIF02-USB01F2 Datasheet
116Kb / 8P
2-line IPAD?? EMI filter including ESD protection
29-Apr-2008
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2_08 Datasheet
183Kb / 8P
10-line IPAD?? EMI filter including ESD protection
17-Apr-2008
EMIF01-SMIC01F2 STMICROELECTRONICS-EMIF01-SMIC01F2 Datasheet
150Kb / 7P
Single line IPAD?? EMI filter including ESD protection
24-Apr-2008
EMIF02-MIC01F2 STMICROELECTRONICS-EMIF02-MIC01F2 Datasheet
381Kb / 7P
2-line IPAD, EMI filter including ESD protection
17-Apr-2008
EMIF02-MIC02F3 STMICROELECTRONICS-EMIF02-MIC02F3 Datasheet
183Kb / 8P
2-line IPAD, EMI filter including ESD protection
28-Apr-2008
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_08 Datasheet
188Kb / 8P
2-line IPAD, EMI filter including ESD protection
28-Apr-2008
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2_10 Datasheet
188Kb / 8P
3-line IPAD??EMI filter including ESD protection
02-Sep-2010
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3_10 Datasheet
288Kb / 9P
3-line IPAD?? EMI filter including ESD protection
07-Apr-2010
EMIF03-SIM04F3 STMICROELECTRONICS-EMIF03-SIM04F3 Datasheet
193Kb / 7P
3-line IPAD?? EMI filter including ESD protection
12-Oct-2010
EMIF03SIM02F2 STMICROELECTRONICS-EMIF03SIM02F2 Datasheet
153Kb / 8P
3-line IPAD?? EMI filter including ESD protection
24-Apr-2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com