Electronic Components Datasheet Search
  English  ▼

X  

EMIF02-USB03F2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF02-USB03F2
Description  2-line IPAD?? EMI filter including ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-USB03F2 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF02-USB03F2_10 Datasheet HTML 1Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 2Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 3Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 4Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 5Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 6Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 7Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EMIF02-USB03F2
Ordering information scheme
Doc ID 10740 Rev 5
5/8
3
Ordering information scheme
Figure 11.
Ordering information scheme
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 12.
Package dimensions
EMIF
yy
-
xxx zz
Fx
EMI Filter
Number of lines
Information
Package
x = resistance value (ohm)
z = capacitance value / 10 (pF)
or
3 letters = application
2 digits = version
F = Flip Chip
x = 2: lead-free, pitch = 500 µm, bump = 315 µm
1.44 mm ± 30 µm
315 µm ± 50
500 µm
650 µm ± 65
220 µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com