Electronic Components Datasheet Search
  English  ▼

X  

EMIF03-SIM02C2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF03-SIM02C2
Description  3-line IPAD??EMI filter including ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM02C2 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF03-SIM02C2_10 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM02C2_10 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM02C2_10 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM02C2_10 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM02C2_10 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM02C2_10 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM02C2_10 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM02C2_10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EMIF03-SIM02C2
Characteristics
Doc ID 13251 Rev 3
3/8
Table 2.
Electrical characteristics, parameter values
Symbol
Test conditions
Min
Typ
Max
Unit
VBR
IR = 1 mA
6
20
V
IRM
VRM = 3 V
0.2
µA
Rd
1.5
Ω
R1, R3
Tolerance ± 20%
100
R2
Tolerance ± 20%
47
Cline
VR = 0 V
20
pF
Figure 4.
S21 (dB) attenuation measurement
(A2-A3 line)
Figure 5.
S21 (dB) attenuation measurement
(B1-B3 line)
100.0k
1.0M
10.0M
100.0M
1.0G
-40.00
-30.00
-20.00
-10.00
0.00
EMIF03-SIM02C2_FREQ-MEAS_PM428
Aplac 7.70 User: ST Microelectronics Sep 22 2004
dB
f/Hz
A2/A3 Line
100.0k
1.0M
10.0M
100.0M
1.0G
-40.00
-30.00
-20.00
-10.00
0.00
EMIF03-SIM02C2_FREQ-MEAS_PM428
Aplac 7.70 User: ST Microelectronics Sep 22 2004
dB
f/Hz
B1/B3 line
Figure 6.
S21 (dB) attenuation measurement
(C1-C3 line)
Figure 7.
Analog crosstalk measurements
100.0k
1.0M
10.0M
100.0M
1.0G
-40.00
-30.00
-20.00
-10.00
0.00
EMIF03-SIM02C2_FREQ-MEAS_PM428
Aplac 7.70 User: ST Microelectronics Sep 22 2004
dB
f/Hz
C1/C3 line
100.0k
1.0M
10.0M
100.0M
1.0G
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
EMIF03-SIM02C2_FREQ-MEAS_PM428
Aplac 7.70 User: ST Microelectronics Sep 22 2004
dB
f/Hz
Xtalk A2/B3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com