Electronic Components Datasheet Search
  English  ▼

X  

EMIF03-SIM02C2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF03-SIM02C2
Description  3-line IPAD??EMI filter including ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM02C2 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF03-SIM02C2_10 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM02C2_10 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM02C2_10 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM02C2_10 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM02C2_10 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM02C2_10 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM02C2_10 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM02C2_10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EMIF03-SIM02C2
Ordering information scheme
Doc ID 13251 Rev 3
5/8
Figure 12.
Aplac parameters
2
Ordering information scheme
Figure 13.
Ordering information scheme
Ls 950pH
Rs 150m
Cext1 15pF
Cint1 4.5pF
Cext2 14pF
Cint2 4pF
Rbump 20m
Lbump 50pH
Cbump 0.15pF
Rgnd 500m
Lgnd 50pH
Cgnd 0.15pF
Rsub 100m
Model Dint1
BV=15
CJO=Cint1
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.001m
VJ=0.6
TT=50n
Model Dext1
BV=15
CJO=Cext1
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.001m
VJ=0.6
TT=50n
Model Dint2
BV=15
CJO=Cint2
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.001m
VJ=0.6
TT=50n
Model Dext2
BV=15
CJO=Cext2
IBV=1u
IKF=1000
IS=10f
ISR=100p
N=1
M=0.3333
RS=0.001m
VJ=0.6
TT=50n
EMIF
yy
-
xxx zz
Cx
EMI filter
Number of lines
Information
Package
3 letters = application
2 digits = version
C = Coated Flip Chip
x = 2: lead-free, pitch = 500 µm, bump = 315 µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com