Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-MSD02C3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF06-MSD02C3
Description  Mini and micro-SD card IPAD??EMI filtering and ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD02C3 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF06-MSD02C3 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
August 2010
Doc ID 16910 Rev 1
1/11
11
EMIF06-mSD02C3
Mini and micro-SD card IPAD™
EMI filtering and ESD protection
Features
■ EMI low-pass filter
■ ESD protection ±15 kV (IEC 61000-4-2)
■ Integrated pull up resistors to prevent bus
floating when no card is connected
■ 50 MHz clock frequency compatibility with
Cline < 20 pF
■ Low power consumption
■ Easy layout thanks to smart pin-out
configuration
■ Very low PCB space consuming
■ High reliability offered by monolithic integration
■ Reduction of parasitic elements thanks to CSP
integration
■ Lead-free package
Complies with the following standards:
■ IEC 61000-4-2 level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883G - Method 3015-7 Class 3A
■ SD Specification Part 1, Physical Layer
Specification, Version 2.0
Application
Mini and micro (T-Flash) secure digital memory
card in:
■ Mobile phones
■ Communication systems
Figure 1.
Pin configuration (bump side)
Description
The EMIF06-mSD02C3 is a highly integrated
device based on IPAD technology offering two
functions: ESD protection to comply with IEC
standard, and EMI filtering to reject mobile phone
frequencies.
TM: IPAD is a trademark of STMicroelectronics
Flip Chip
(16 bumps)
1
2
3
4
D
C
B
A
www.st.com


Similar Part No. - EMIF06-MSD02C3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-MSD02N16 STMICROELECTRONICS-EMIF06-MSD02N16 Datasheet
695Kb / 12P
6-line IPAD?? EMI filter and ESD protection
21-Nov-2008
More results

Similar Description - EMIF06-MSD02C3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-MSD01F2 STMICROELECTRONICS-EMIF06-MSD01F2 Datasheet
190Kb / 7P
IPAD??Mini and micro SD Card - EMI filtering and 25 kV ESD protection
02-Feb-2007
logo
Infineon Technologies A...
BGF117 INFINEON-BGF117 Datasheet
721Kb / 8P
High-Speed Mini-/Micro-SD Card ESD Protection and EMI Filter
V2.0, January 2010
logo
STMicroelectronics
EMIF06-MSD04F3 STMICROELECTRONICS-EMIF06-MSD04F3_11 Datasheet
260Kb / 9P
6-line low capacitance IPAD??for micro-SD card with EMI filtering and ESD protection
12-Jul-2011
EMIF06-SD03F3 STMICROELECTRONICS-EMIF06-SD03F3 Datasheet
517Kb / 23P
6-line IPAD?? EMI filter and ESD protection for SD card
11-Feb-2010
EMIF06-MSD03F3 STMICROELECTRONICS-EMIF06-MSD03F3 Datasheet
360Kb / 8P
6-line low capacitance IPAD™ for micro-SD card with EMI filtering and ESD protection
11-Jul-2011
EMIF06-USD05F3 STMICROELECTRONICS-EMIF06-USD05F3 Datasheet
337Kb / 8P
6-line EMI filter and ESD protection for SD card, mini-SD card and micro-SD card interfaces
25-Apr-2014
EMIF06-USD14F3 STMICROELECTRONICS-EMIF06-USD14F3 Datasheet
362Kb / 8P
6-line low capacitance IPAD for micro-SD card with EMI filtering and ESD protection
17-Dec-2015
EMIF06-MSD04F3 STMICROELECTRONICS-EMIF06-MSD04F3 Datasheet
260Kb / 9P
6-line low capacitance IPAD™ for micro-SD cardwith EMI filtering and ESD protection
July 2011 Rev 1
EMIF06-USD04F3 STMICROELECTRONICS-EMIF06-USD04F3 Datasheet
297Kb / 8P
6-line low capacitance IPAD™ for micro-SD card with EMI filtering and ESD protection
January 2015 Rev 4
logo
NXP Semiconductors
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com