Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-MSD02C3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF06-MSD02C3
Description  Mini and micro-SD card IPAD??EMI filtering and ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD02C3 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF06-MSD02C3 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
EMIF06-mSD02C3
4/11
Doc ID 16910 Rev 1
Figure 9.
Digital crosstalk test setup
Figure 10.
Digital crosstalk
Figure 7.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on VCC line
Figure 8.
ESD response to IEC 61000-4-2
(-15 kV air discharge) on VCC line
VCL
10 V/div
100 ns/div
VCL
10 V/div
100 ns/div
•T
AMB=25 °C
LeCroy Wavesurfer 64Xs
600 MHz – 2.5Gs/s Oscilloscope
Input Line “A”
Output line “B”
Agilent pulse pattern
generator 81110A
Input Line “B”: 50
Ω & Open
V
OUT=3 V
t
R=tF=2 ns (open)
F=8.3 MHz
Direct input on 50
Ω
Voltage Probe
LeCroy
HFP1000
100 k
Ω / 0.7 pF
50
50
Ω
SDData0
Clk
100 mV/div
1 V/div
100 ns/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com