Electronic Components Datasheet Search
  English  ▼

X  

FLEX-M24LR04E Datasheet(PDF) 1 Page - STMicroelectronics

Part # FLEX-M24LR04E
Description  45 mm x 75 mm flexible antenna reference board for the M24LR04E-R Dual Interface EEPROM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLEX-M24LR04E Datasheet(HTML) 1 Page - STMicroelectronics

  FLEX-M24LR04E Datasheet HTML 1Page - STMicroelectronics FLEX-M24LR04E Datasheet HTML 2Page - STMicroelectronics FLEX-M24LR04E Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For further information contact your local STMicroelectronics sales office.
July 2012
Doc ID 023375 Rev 1
1/3
3
FLEX-M24LR04E
45 mm x 75 mm flexible antenna reference board
for the M24LR04E-R Dual Interface EEPROM
Data brief
Features
■ Ready-to-use flexible printed circuit board
(PCB) including
– 45 mm x 75 mm 13.56 MHz inductive
antenna etched on the PCB
– 100 µm thickness PCB (Kapton)
– M24LR04E-R Dual Interface EEPROM
– Connection for I2C bus
– Energy harvesting output (VOUT) with a
10 nF capacitance filtering circuit
– RF WIP/BUSY output with 20 k
Ω pull-up
resistor, to indicate that an RF operation is
ongoing
Description
The FLEX-M24LR04E antenna reference board is
a ready-to-use flexible PCB that features an
M24LR04E Dual Interface EEPROM IC
connected to a 45 mm x 75 mm 13.56 MHz
etched RF antenna on one side, and to an I2C bus
on the other side.
The FLEX-M24LR04E antenna allows system
designers to evaluate the M24LR04E
performance and capabilities, and to get started
with their design.
To demonstrate the energy harvesting function,
the FLEX-M24LR04E can be used in conjunction
with ST DEMO-CR95HF-A demonstration board.
The application can be powered directly from the
M24LR04E VOUT pin.
The FLEX-M24LR04E Gerber files can be
downloaded from www.st.com.
Figure 1.
FLEX-M24LR04E block diagram
Ω
www.st.com


Similar Part No. - FLEX-M24LR04E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
FLEX-10K ALTERA-FLEX-10K Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
FLEX-10K ALTERA-FLEX-10K Datasheet
1Mb / 128P
Embedded Programmable Logic Device Family
logo
HAMLIN Position and Mov...
FLEX-14 HAMLIN-FLEX-14 Datasheet
115Kb / 1P
Sub-miniature normally open switch with 14.00mm x 2.28mm
logo
Littelfuse
FLEX-14 LITTELFUSE-FLEX-14 Datasheet
377Kb / 2P
Axial Lead Reed Switches
logo
Mclennan Servo Supplie...
FLEX-6-NANO MCLENNAN-FLEX-6-NANO Datasheet
7Mb / 3P
64 Axis EtherCAT Motion Coordinator
More results

Similar Description - FLEX-M24LR04E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ANT1-M24LR16E STMICROELECTRONICS-ANT1-M24LR16E Datasheet
146Kb / 4P
45 mm x 75 mm antenna reference board for the M24LR16E-R Dual Interface EEPROM
23-Jan-2012
ANT1-M24LR-A STMICROELECTRONICS-ANT1-M24LR-A Datasheet
78Kb / 3P
45 mm x 75 mm antenna reference board for the M24LR64-R Dual Interface EEPROM
25-Aug-2010
ANT2-M24LR16E STMICROELECTRONICS-ANT2-M24LR16E Datasheet
144Kb / 4P
20 mm x 40 mm antenna reference board for the M24LR16E-R Dual Interface EEPROM
23-Jan-2012
ANT2-M24LR-A STMICROELECTRONICS-ANT2-M24LR-A Datasheet
65Kb / 3P
20 mm x 40 mm antenna reference board for the M24LR64-R Dual Interface EEPROM
25-Aug-2010
ANT3-M24LR-A STMICROELECTRONICS-ANT3-M24LR-A Datasheet
64Kb / 3P
SMD-inductor based antenna reference board for the M24LR64-R Dual Interface EEPROM
25-Aug-2010
ANT4-M24LR-A STMICROELECTRONICS-ANT4-M24LR-A Datasheet
67Kb / 4P
2 x 64 Kbit multibank antenna reference board for the M24LR64-R Dual Interface EEPROM
26-Aug-2010
ANT5-M24LR-A STMICROELECTRONICS-ANT5-M24LR-A Datasheet
69Kb / 4P
4 x 64 Kbit multibank antenna reference board for the M24LR64-R Dual Interface EEPROM
26-Aug-2010
ANT7-M24LR16E STMICROELECTRONICS-ANT7-M24LR16E Datasheet
140Kb / 4P
15 mm x 15 mm double layer antenna reference board for the M24LR16E-R Dual Interface EEPROM
23-Jan-2012
ANT3-M24LR04E STMICROELECTRONICS-ANT3-M24LR04E Datasheet
88Kb / 4P
M24LR04E-R Dual Interface EEPROM
22-Mar-2013
UM2053 STMICROELECTRONICS-UM2053 Datasheet
290Kb / 10P
14 mm x 14 mm antenna reference board for the M24SR64-Y dual interface EEPROM
21-Apr-2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com