Electronic Components Datasheet Search
  English  ▼

X  

FLEX-M24LR04E Datasheet(PDF) 2 Page - STMicroelectronics

Part # FLEX-M24LR04E
Description  45 mm x 75 mm flexible antenna reference board for the M24LR04E-R Dual Interface EEPROM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLEX-M24LR04E Datasheet(HTML) 2 Page - STMicroelectronics

  FLEX-M24LR04E Datasheet HTML 1Page - STMicroelectronics FLEX-M24LR04E Datasheet HTML 2Page - STMicroelectronics FLEX-M24LR04E Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FLEX-M24LR04E
2/3
Doc ID 023375 Rev 1
Associated firmware and PC software
The FLEX-M24LR04E board is supported by a PC software, the Dual Interface EEPROM
tool software, that allows to configure and control the energy harvesting. This software is
available from www.st.com.
Refer to application note AN3954 “Developing your own Visual Basic or C/C++ application
on a DEMO-CR95HF-A demonstration board”, for how to adapt the PC software for your
application.
Revision history
Table 1.
Document revision history
Date
Revision
Changes
2-Jul-2012
1
Initial release.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com